Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YGV628B Datasheet (PDF) - YAMAHA CORPORATION

YGV628B Datasheet PDF - YAMAHA CORPORATION
Part # YGV628B
Download  YGV628B Download
File Size   630.8 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description AVDP7 Advanced Video Display Processor 7

YGV628B Datasheet (PDF)

Go To PDF Page Download Datasheet
YGV628B Datasheet PDF - YAMAHA CORPORATION

Part # YGV628B
Download  YGV628B Click to download

File Size   630.8 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description AVDP7 Advanced Video Display Processor 7

YGV628B Datasheet (HTML) - YAMAHA CORPORATION


YGV628B Product details

■  Outline

YGV628B (hereafter called AVDP7) is the latest version of YAMAHA AVDP series which has many past successful records in various visual equipments, vehicle equipment, etc.

Three bit-map planes are equipped, and it can be displayed in piles to an external image; furthermore, AVDP7

has many functions as OSD (On Screen Display), such as α-blending, change of a display priority, etc. In addition, it has a digital image Input/Output function to allow an external image to be expanded or reduced.



■  Feature

□  OSD Function

●  The OSD images which is composed of plains in case of a digital image input is overlaid. 

     Simultaneous use of three plains is possible in AVDP7 at its maximum.

●  The natural picture display of 65536 colors by R5bit, G6bit, and B5bit. It is the palette color of 256 colors in 16777216 colors.

●  Supports 16bit YCrCb422 

●  16 gray-levels of α-blending in dot units

●  Conversion of display priority is possible

□  Display Resolution

●  Creation of the Display Timing of NTSC, PAL, QVGA, Wide QVGA, VGA, Wide VGA, and SVGA is possible.

●  Examples of Correspondence Resolution : 320×240, 400×240, 720×240, 640×480, 800×480, 800×600, etc..

●  Resolution Converting Function : Horizontal direction Æ1/2 times to 8192 times display Vertical direction Æ1/4 times to 8192 times display.

□  Digital Image Input/Output Function

●  Corresponding to 18bit RGB, 16bit YCrCb422, and ITU656.

●  By YS bit output, Mixing with an image signal are possible externally.

□  Analog Image Output Function

●  Analog RGB output which has 8 bits DAC for each R,G,B

●  By YS bit output, super-impose of image data is available from an outside.

□  Capture Function

●  The depiction from the external image input of 18bit RGB, 16bit YCrCb422, and ITU656 to frame memory is possible in real time.

●  When the digital image input is ITU656, it is possible to select from two systems of asynchronous input.

●  Pixel Skipping Functions of Horizontal direction and Vertical direction.

●  Interlace ÆProgressive Conversion Function

□  External Memory

●  Video Memory

-  16Mbit, 64Mbit, 128Mbit, and 256Mbit(x16) of SDRAM are connectable. However, only a half domain is possible to use at the time of 256Mbits of SDRAM is in use.

-  WRITE/READ access by the memory transfer function

-  The maximum operating frequency of SDRAM clock is 81MHz.

□  Others

●  High flexibility CPU I/F with 16bit CPU bus width and endian control are adopted.

●  Built-in register is directly mapped to the 256 Bytes of CPU memory space.

●  176 pin plastic LQFP   Pin lead coating is Pb free. (YGV628B-VZ)

●  Operating temperature: -40 degree to +85 degree.

●  CMOS, 3.3V unity voltage(5V tolerant)




Similar Part No. - YGV628B

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
AVDP3E - Advanced Video Display processor 3 Enhanced
YGV629 YAMAHA-YGV629 Datasheet
886Kb / 26P
VC1 Video Controller 1
More results


Similar Description - YGV628B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
Video Display Processor
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
AVDP3E - Advanced Video Display processor 3 Enhanced
logo
LSI Computer Systems
YGV619 LSI-YGV619 Datasheet
337Kb / 15P
Advanced Video Display Processor 6
logo
List of Unclassifed Man...
YGV617B ETC-YGV617B Datasheet
586Kb / 7P
ADVANCED VIDEO DISPLAY PROCESSOR
YGV606B ETC-YGV606B Datasheet
982Kb / 12P
ADVANCED VIDEO DISPLAY PROCESSOR
YGV618 ETC-YGV618 Datasheet
769Kb / 12P
ADVANVED VIDEO DISPLAY PROCESSOR 5
logo
Motorola, Inc
MC2674 MOTOROLA-MC2674 Datasheet
1Mb / 33P
ADVANCED VIDEO DISPLAY CONTROLLER ( AVDC )
logo
List of Unclassifed Man...
SCN2674 ETC1-SCN2674 Datasheet
1Mb / 32P
Advanced Video Display Controller (AVDC)
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
Advanced Video Processor
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
Video Decoder and Display Processor
Rev. SpB
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com