Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YGV629 Datasheet (PDF) - YAMAHA CORPORATION

YGV629 Datasheet PDF - YAMAHA CORPORATION
Part # YGV629
Download  YGV629 Download
File Size   886.72 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description VC1 Video Controller 1

YGV629 Datasheet (PDF)

Go To PDF Page Download Datasheet
YGV629 Datasheet PDF - YAMAHA CORPORATION

Part # YGV629
Download  YGV629 Click to download

File Size   886.72 Kbytes
Page   26 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description VC1 Video Controller 1

YGV629 Datasheet (HTML) - YAMAHA CORPORATION


YGV629 Product details

■ Outline

YGV629 (Function name: VC1, hereinafter described as VC1) is a VDP (Video Display Processor), which has a pattern rendering function by the sprite method according to the attribute settings and a direct line rendering function. Since various effect functions are included sufficiently in the sprite function and line rendering function, more effective presentation can be realized.

Since VC1 can display the bit map image with free display resolution, NTSC to SVGA, on any screen size of monitor, OSD display control for various display units can be made. And, VC1 includes a line buffer as a VRAM, so the system can be built with a little part. In addition, pattern memory can be connected directly, so that the amount of the control program can be reduced.



■ Features

□ Display Function

   Pattern rendering by the sprite method according to the attribute settings, and OSD display by the direct line rendering according to the attribute settings.

   Two display layers: Sprite display layer and Line display layer, up to 341 can be displayed. However, for the line display layer, up to 1 layer can be displayed.

   Alpha-blending function between layers.

□ Sprite Plane Function

   Sprite display of the field on the screen, up to 341

   Size 8×8 to 512×512 dots, independent selection (horizontal & vertical) possible. (in 8 dots)

   2, 16, 32, 64, or 256 palette colors in 64k colors, 64k-color natural picture display by 16-bit RGB

   Reverse function in right to left or up and down

   Scaling function

   Alpha-blending function in pixels

   Anti-aliasing function at the outline part

□ Line Rendering Function

   Line display of the field, up to 510

   Displayable color: 32768 colors (RGB555) or palette index (10-bit) designation

   Line width: 1 dot to 16 dots available (in dots)

   Anti-alias rendering available

□ Display Resolution

   Display monitor interface timing generation for NTSC, PAL, QVGA, Wide QVGA, VGA, Wide VGA, and SVGA

   Example of the supported resolution: 320×240, 400×240, 640×480, 800×480, 800×600, etc.

   External Synchronizing Function

□ External Memory

   Pattern memory up to 256M bits

   Mask ROMi, SRAM, and NOR type flash-memory connection

   Access timing settings by the period of the system clock

   Bus width 8-bit/16-bit selection

□ Others

   8-bit parallel interface and serial interface supported

   Indirect mapping to the built-in register and table through the access port.

   Analog RGB output and Digital RGB data output, with 6 bits DAC for each R,G, and B

   144 pin plastic LQFP, pin lead plating is Pb-free. (YGV629-VZ)

   CMOS, 3.3V single power supply




Similar Part No. - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
AVDP3E - Advanced Video Display processor 3 Enhanced
YGV628B YAMAHA-YGV628B Datasheet
630Kb / 26P
AVDP7 Advanced Video Display Processor 7
More results


Similar Description - YGV629

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
Advanced monitor video controller
November 1992
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
VIDEO GRAPHICS CONTROLLER
logo
List of Unclassifed Man...
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
SE401 ETC-SE401 Datasheet
146Kb / 2P
USB Video Image Controller
logo
Siemens Semiconductor G...
SDA545X SIEMENS-SDA545X Datasheet
91Kb / 2P
Video Text Controller
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
VIDEO INTERFACE CONTROLLER
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
DIGITAL VIDEO CAMERA CONTROLLER
T108 ETC2-T108 Datasheet
1Mb / 89P
Video Display Controller
logo
YAMAHA CORPORATION
YGV639 YAMAHA-YGV639 Datasheet
1Mb / 34P
Video Controller 1 with Enhanced Functions
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com