Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YSS944 Datasheet (PDF) - YAMAHA CORPORATION

YSS944 Datasheet PDF - YAMAHA CORPORATION
Part # YSS944
Download  YSS944 Download
File Size   906.91 Kbytes
Page   34 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description ADAMB Advanced Digital Audio Multi channel decode processor

YSS944 Datasheet (PDF)

Go To PDF Page Download Datasheet
YSS944 Datasheet PDF - YAMAHA CORPORATION

Part # YSS944
Download  YSS944 Click to download

File Size   906.91 Kbytes
Page   34 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description ADAMB Advanced Digital Audio Multi channel decode processor

YSS944 Datasheet (HTML) - YAMAHA CORPORATION


YSS944 Product details

Outline

The YSS944 (ADAMB-f)/YSS943 (ADAMB-b)/YSS940 (ADAMB-nd) is an audio decoding digital signal processor that integrates onto a single chip the various digital signal processing functions required for AV amplifiers, etc. It includes an advanced 32-bit floating-point DSP and is able to decode a variety of audio formats.



„ Features

•  Supports various types of decoding up to 7.1 channels (5.1/6.1/7.1 channels selectable).

•  5.1-channel decoding of Dolby Digital (AC-3), DTS, AAC.

•  6.1-channel decoding of Dolby Digital EX, DTS-ES.

•  DTS 96/24 decoding and audio interface clock division/switching functions.

•  Dolby Pro Logic IIx and DTS Neo:6 decoding

•  Tone control and bass management functions

•  Function modification/expansion by downloading firmware to on-chip memory

•  Lip-sync function that enables synchronization of voice and video with variable voice delay

•  Supports sampling frequencies up to 192 kHz during PCM playback.

•  1/2 down sampling function when two PCM channels are played back

•  Dolby Digital/DTS/AAC decode information output function (can be read by microprocessor)

•  High-speed/high-accuracy operation by 32-bit floating-point DSP

    Operating frequency:  180 MHz (178.176 MHz)

    Data bus width:  32 bits (24-bit mantissa and 8-bit exponent)

    Multiplier/adder: 32 bits ×32 bits + 55 bits →55 bits (47-bit mantissa and 8-bit exponent)

•  No external memory needed (external memory is used when delay is increased.)

•  Eight general I/O ports

•  On-chip PLL for generation of high-speed internal operating clock

•  Supply voltage: 1.2 V (core block) and 3.3 V (pin block)

•  Low power consumption: about 210 mW (standard value during Dolby Digital decoding)

•  Si-gate CMOS process

•  Lead-free plating LQFP144 package (YSS944-VZ, YSS943-VZ, and YSS940-VZ)



„ Applications

•  AV amplifiers for home theaters

•  Car audio systems




Similar Part No. - YSS944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
Karaoke Processor 2 for Video disc player
More results


Similar Description - YSS944

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
DIGITAL AUDIO PROCESSOR
logo
Toshiba Semiconductor
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
18-Apr-2002
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
Multi-channel digital audio processor with DDX TM
Jul-2007
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
Multi-channel digital audio processor with DDX
Sep-2007
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
Advanced Audio Processor System
logo
STMicroelectronics
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
Multi-channel digital audio processor with DDX
12-Oct-2009
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
Multi-channel digital audio processor with DDX®
28-Apr-2022
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com