Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YTD428 Datasheet (PDF) - YAMAHA CORPORATION

YTD428 Datasheet PDF - YAMAHA CORPORATION
Part # YTD428_07
Download  YTD428 Download
File Size   928.21 Kbytes
Page   28 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description IDSU ISDN DSU for Terminal Equipment

YTD428 Datasheet (PDF)

Go To PDF Page Download Datasheet
YTD428 Datasheet PDF - YAMAHA CORPORATION

Part # YTD428_07
Download  YTD428 Click to download

File Size   928.21 Kbytes
Page   28 Pages
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION
Description IDSU ISDN DSU for Terminal Equipment

YTD428 Datasheet (HTML) - YAMAHA CORPORATION


YTD428 Product details

INTRODUCTION
YTD428 is a LSI which provides the ISDN subscriber interface (two-wire time compression multiplexing operation) and the NT side of the ISDN Basic Rate user-network interface function (digital four-wire time-division full-duplex operation). It is capable of providing the electric characteristics conforming to TTC Standard JT-I430 and JT-G961.

Features
Circuit Termination Section
■ Conforms to TTC Standard JT-I430 and JT-G961
● Digital four-wire time-division full-duplex operation
● Two-wire time compression multiplexing operation
● Transmission rate at U reference point: 320 kbit/s, at T reference point: 192 kbit/s
● Frame assembling and disassembling function
● State transition control
● Loopback function
● T reference point timing control (switch between short passive bus / extended passive bus, point-to-point)
● U reference point driver control

Line Termination Section
■ Conforms to TTC Standard JT-G961
● f equalizer
● Bridged tap equalizer

T Reference Point Interface Section
● The T reference point driver / receiver section can be separated from DSU section, and use independently (TE mode). The user can enable or disable this feature as necessary.

Others
● +5 V single power supply
● Low power consumption
● 100 pin SQFP




Similar Part No. - YTD428_07

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
More results


Similar Description - YTD428_07

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
logo
Siemens Semiconductor G...
PSB2110 SIEMENS-PSB2110 Datasheet
5Mb / 183P
ISDN TERMINAL ADAPTER CIRCUIT
logo
Asahi Kasei Microsystem...
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
ISDN BRI controller for Terminal Equipment with built-in DSU
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
logo
Actel Corporation
G704-E1 ACTEL-G704-E1 Datasheet
245Kb / 5P
ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
logo
List of Unclassifed Man...
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
NIHON DEMPA KOGYO
NP3225SC NDK-NP3225SC Datasheet
628Kb / 1P
For communication equipment for ISDN, SDH/SONET, WiMAX, etc. and Base-stations
More results




About YAMAHA CORPORATION


Yamaha Corporation is a Japanese multinational corporation that specializes in the manufacture of a wide range of products including musical instruments, electronics, motorcycles, and power products.

The company was founded in 1887 and has its headquarters in Hamamatsu, Japan.

Yamaha is known for its high-quality products and innovative technology, and it has a strong reputation in the industries it operates in.

The company's products are widely used by musicians and music enthusiasts, as well as in many other applications such as industrial, automotive, and power generation.

Yamaha has a global presence and operates subsidiaries and sales offices in many countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com