Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YTD439 Datasheet (PDF) - List of Unclassifed Manufacturers

YTD439 Datasheet PDF - List of Unclassifed Manufacturers
Part # YTD439
Download  YTD439 Download
File Size   179.62 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ISDN BRI controller for Terminal Equipment with built-in DSU

YTD439 Datasheet (PDF)

Go To PDF Page Download Datasheet
YTD439 Datasheet PDF - List of Unclassifed Manufacturers

Part # YTD439
Download  YTD439 Click to download

File Size   179.62 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ISDN BRI controller for Terminal Equipment with built-in DSU

YTD439 Datasheet (HTML) - List of Unclassifed Manufacturers


YTD439 Product details

[Yamaha]



❑ Abstract

YTD439 is a LSI that integrates in a single chip all the communication functions that are necessary for constructing an ISDN terminal with a built-in DSU. The functions of both the DSU (U reference point) and terminal (S/T reference point) are packed into the 100-pin SQFP chip allowing miniaturization of the terminal equipment.

YTD439 has a built-in TD switch function that is necessary for controlling the connection of the B-channel data. By connecting an external CPU, memory, and CODEC, a terminal with a built-in DSU can be configured. In addition, YTD439 has a function that reduces the power consumption by stopping the functions of unused blocks. This is effective for battery-driven terminals.



❍ Features

DSU block

• Conforms to TTC Standards JT-I430 and JT-G961.

• LT (line termination) function and CT (circuit termination) function.

• DSU can be disconnected.



S/T reference point driver/receiver block

• Transition to the sleep state possible by setting an I/O register.



CPU interface block

• 8-bit or 16-bit data bus selectable.

• I/O access through registers.



Layer 1 control block

• Frame assembling and disassembling function.

• I430 TTL output pin



Layer 2 control block

• Built-in LAPD protocol (supports four links).

• Call control and D-channel packet function.



Layer 3 interface block

• Message exchange through I/O access (large 1088-byte FIFO).



B channel HDLC controller

• Supports CRC-CCITT and CRC-32.

• 128k/64k/56k rate adaption



B channel transparent

• Supports PIAFS 64k/32k.

• Flexible rate adaption function.



B channel DATA FIFO

• Transmission and reception: 128-byte FIFO × 2 channels.



TD switch

• Switch circuit for 8 channels of B channel data.

• 512 k to 2,048 kHz PCM highway.



Others

• Terminal block can be disconnected. Power can be cut off.

• Terminal block sleep mode.

• Power supply to the analog block: +5 V.

   Power supply to the digital block: +5 V or 3.3 V.

• 5 V tolerant I/O pin

• 100-pin SQFP.



❍ Applications

• Terminal adapter

• Remote router

• ISDN telephone

• ISDN home telephone

• ISDN Facsimile



 




Similar Part No. - YTD439

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YTD436 YAMAHA-YTD436 Datasheet
542Kb / 14P
ISTC ISDN BRI controller with S/T ref. pt. analog D/R
More results


Similar Description - YTD439

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9605 SUTEX-HV9605 Datasheet
33Kb / 5P
High Voltage Current Mode PWM Controller for ISDN Equipment
logo
List of Unclassifed Man...
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
ISDN DSU Analog Front End
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
183Kb / 14P
DSU LSI for the ISDN Terminal Equipment
logo
Toshiba Semiconductor
TC94A09F TOSHIBA-TC94A09F Datasheet
270Kb / 19P
Single-Chip CD Processor with Built-in Controller
logo
Bolymin, Inc
BG12864B BOLYMIN-BG12864B Datasheet
83Kb / 1P
COB with metal frame Built-in controller ST7920
BG12864D BOLYMIN-BG12864D Datasheet
149Kb / 1P
SMT with metal frame Built-in controller T6963C
logo
Sony Corporation
CXD2480R SONY-CXD2480R Datasheet
22Kb / 1P
Timing Controller IC with Built-in CCD Driver
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
IDSU ISDN DSU for Terminal Equipment
YTD436 YAMAHA-YTD436 Datasheet
542Kb / 14P
ISTC ISDN BRI controller with S/T ref. pt. analog D/R
logo
Moxa Inc.
4530 MOXA-4530 Datasheet
3Mb / 6P
Advanced modular controller with built-in serial port
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com