Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7831PBF Datasheet (PDF) - International Rectifier

IRF7831PBF Datasheet PDF - International Rectifier
Part # IRF7831PBF
Download  IRF7831PBF Download
File Size   264.62 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )

IRF7831PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7831PBF Datasheet PDF - International Rectifier

Part # IRF7831PBF
Download  IRF7831PBF Click to download

File Size   264.62 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )

IRF7831PBF Datasheet (HTML) - International Rectifier


IRF7831PBF Product details

Applications

• High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.



Benefits

• Very Low RDS(on) at 4.5V VGS

• Ultra-Low Gate Impedance

• Fully Characterized Avalanche Voltage and Current

• 100% Tested for RG

• Lead-Free



 




Similar Part No. - IRF7831PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7831PBF IRF-IRF7831PBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter
IRF7831PBF IRF-IRF7831PBF Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
More results


Similar Description - IRF7831PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRFR3709ZPBF IRF-IRFR3709ZPBF Datasheet
270Kb / 12P
HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5m廓 , Qg = 17nC )
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
IRFR420APBF IRF-IRFR420APBF Datasheet
225Kb / 10P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on) max = 3.0廓 , ID = 3.3A )
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRLR7833PBF IRF-IRLR7833PBF Datasheet
324Kb / 12P
HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 4.5m廓 , Qg = 33nC )
IRFR12N25DPBF IRF-IRFR12N25DPBF Datasheet
230Kb / 11P
HEXFET Power MOSFET ( VDSS = 250V , RDS(on)max = 0.26廓 , ID = 14A )
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com