Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV66PG Datasheet (PDF) - Supertex, Inc

HV66PG Datasheet PDF - Supertex, Inc
Part # HV66PG
Download  HV66PG Download
File Size   557.41 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel LCD Driver with Separate Backplane Output

HV66PG Datasheet (PDF)

Go To PDF Page Download Datasheet
HV66PG Datasheet PDF - Supertex, Inc

Part # HV66PG
Download  HV66PG Click to download

File Size   557.41 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel LCD Driver with Separate Backplane Output

HV66PG Datasheet (HTML) - Supertex, Inc


HV66PG Product details

General Description
The HV66 is a low-voltage serial to high-voltage parallel converter with push-pull outputs. This device has been designed for use as a driver circuit for LCD displays. It can also be used in any application requiring multiple output high-voltage current sourcing and sinking capabilities. The inputs are fully CMOS compatible.

Features
❐ Processed with HVCMOS¨ technology
❐ 32 push-pull CMOS output up to 60V
❐ Low power level shifting
❐ Source/sink current minimum 1mA
❐ Shift register speed 5MHz
❐ Latched data outputs
❐ Bidirectional shift register (DIR)
❐ Backplane output




Similar Part No. - HV66PG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66PG SUTEX-HV66PG Datasheet
457Kb / 6P
32-Channel LCD Driver with Separate Backplane Output
HV66PG-G SUTEX-HV66PG-G Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
HV66PG-GM919 SUTEX-HV66PG-GM919 Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
More results


Similar Description - HV66PG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
32-DOT LCD COMMON DRIVER
logo
Supertex, Inc
HV66 SUTEX-HV66 Datasheet
457Kb / 6P
32-Channel LCD Driver with Separate Backplane Output
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
32-Segment CMOS LCD Driver
1995 - 2002
logo
Supertex, Inc
HV6506 SUTEX-HV6506 Datasheet
73Kb / 5P
32-Channel LCD Driver with Separate Backplane Output
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
32-Segment CMOS LCD Driver
03/01/02
logo
Supertex, Inc
HV66 SUTEX-HV66_13 Datasheet
761Kb / 7P
32-Channel LCD Driver with Separate Backplane Output
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
32-Channel LED Driver for LCD Panel Backlighting
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
1200-Output Channel TFT LCD Source Driver with TCON
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com