Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6225B Datasheet (PDF) - TEMIC Semiconductors

U6225B Datasheet PDF - TEMIC Semiconductors
Part # U6225B
Download  U6225B Download
File Size   154.83 Kbytes
Page   12 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2.9 GHz PLL for SAT TV Receiver with Universal Bus

U6225B Datasheet (PDF)

Go To PDF Page Download Datasheet
U6225B Datasheet PDF - TEMIC Semiconductors

Part # U6225B
Download  U6225B Click to download

File Size   154.83 Kbytes
Page   12 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2.9 GHz PLL for SAT TV Receiver with Universal Bus

U6225B Datasheet (HTML) - TEMIC Semiconductors


U6225B Product details

Description
The U6225B is a single chip PLL for SAT-TV tuners. It contains on one chip all functions required for PLL control of a VCO. This IC also contains a high frequency prescaler and can handle frequencies up to 2.9 GHz. The U6225B has a fixed reference divider of 512, while the U6223B has a programmable 256/ 512/ 1024 reference divider.

Features
● 2.9 GHz divide-by-16 prescaler integrated
● Universal bus:
    I2C-bus or 3-wire-bus
    I2C-bus software compatible to U6204B
    3-wire-bus software compatible to U6358B (19 bit)
● I2C-bus mode:
    5 switching outputs (open collector)
    4 addresses selectable at pin 10 for multituner application
● 3-wire-bus mode:
    4 switching outputs (open collector)
    Locksignal output (open collector)
● Low power consumption (typical 5 V / 23 mA)
● Electrostatic protection according to MIL-STD 883

Benefits
● Only one device for 3-wire bus applications and I2C-bus applications necessary (universal bus)
● High input frequency of 2.9 GHz applicable for all TV-satellites




Similar Part No. - U6225B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
U62256ADA07 ZMD-U62256ADA07 Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
U62256ADA07G1 ZMD-U62256ADA07G1 Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
U62256ADA07LL ZMD-U62256ADA07LL Datasheet
164Kb / 10P
STANDARD 32K X 8 SRAM
More results


Similar Description - U6225B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
logo
TEMIC Semiconductors
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
1.3 GHZ PLL WITH I2C BUS
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
TEMIC Semiconductors
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com