Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet (PDF) - TEMIC Semiconductors

U6239B Datasheet PDF - TEMIC Semiconductors
Part # U6239B
Download  U6239B Download
File Size   262.36 Kbytes
Page   15 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2.9 GHz PLL for SAT TV Tuner with UNi-Bus

U6239B Datasheet (PDF)

Go To PDF Page Download Datasheet
U6239B Datasheet PDF - TEMIC Semiconductors

Part # U6239B
Download  U6239B Click to download

File Size   262.36 Kbytes
Page   15 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 2.9 GHz PLL for SAT TV Tuner with UNi-Bus

U6239B Datasheet (HTML) - TEMIC Semiconductors


U6239B Product details

Description

The U6239B is a single-chip frequency synthesizer with bidirectional I2C bus control and unidirectional 3-wire

bus control, developed for SAT TV-tuner and cable tuner applications.



Features

2.9 GHz divide-by-16 prescaler integrated

UNi-BUS:

  I2C bus and 3-wire bus

  I2C bus software compatible to U6223B

  3-wire bus software compatible to LC7215 (Sanyo)

I2C bus mode:

  4 bidirectional ports (open collector)

  2 unidirectional ports (open collector)

  5 level ADC or unidirectional port (open collector)

  Address mode select function (AMS, Pin 3):

  3 or 4 addresses selectable via Pin 10

3-wire bus mode:

  4 unidirectional ports (open collector)

  Lock output (open collector)

Programmable reference divider

Low power consumption (typ. 5 V / 23 mA)

Electrostatic protection according to MIL-STD 883



 




Similar Part No. - U6239B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6205B-FPG3 TEMIC-U6205B-FPG3 Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6206B-FPG3 TEMIC-U6206B-FPG3 Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
More results


Similar Description - U6239B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
TEMIC Semiconductors
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
1.3 GHz PLL for TV- and VCR- Tuner
U6225B TEMIC-U6225B Datasheet
154Kb / 12P
2.9 GHz PLL for SAT TV Receiver with Universal Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com