Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U6239B Datasheet HTML 1Page - TEMIC Semiconductors U6239B Datasheet HTML 2Page - TEMIC Semiconductors U6239B Datasheet HTML 3Page - TEMIC Semiconductors U6239B Datasheet HTML 4Page - TEMIC Semiconductors U6239B Datasheet HTML 5Page - TEMIC Semiconductors U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
3 (15)
Functional Description
The U6239B is programmed via a 2-wire I2C bus or
3-wire bus depending on the received data format. In
I2C bus mode the three bus input pins 4, 5, 10 are used as
SDA, SCL and address select inputs or in 3-wire bus
mode as date, clock and enable inputs, respectively. The
data include the scaling factor SF and port output
information. In I2C bus mode there are some additional
functions available (ADC, bidirectional ports, etc.)
Oscillator frequency calculation :
fVCO = 16
SPF
frefosc/SRF
fvco:
Locked frequency of voltage controlled oscillator
SPF : Scaling factor of programmable divider (15 bit in
I2C bus mode, 14 bit in 3-wire bus mode)
SRF : Scaling factor of reference divider
(
B25/B50/B140/B250/B256/B512/B1024
in I2C bus mode,
B25/B50/B100/B140/B250
B280/B500 in 3-wire bus mode)
frefosc: Reference oscillator frequency:
3.2/ 4 MHz crystal or external reference
frequency (max. 8 MHz)
The input amplifier together with a divide-by-16
prescaler provides excellent sensitivity (see “Typical
prescaler input sensitivity”). The input impedance is
shown in the diagram “Typical input impedance”. When
a new divider ratio is entered according to the requested
fVCO, the phase detector and charge pump adjusts the
control voltage of the VCO together with the tuning
amplifier until the output signals of the programmable
divider and the reference divider are in frequency locked
and phase locked. The reference frequency may be pro-
vided by an external source, capacitively coupled into
Pin 2, or by using an on-board crystal with an 18 pF ca-
pacitor in series. The crystal operates in the series
resonance mode. The reference divider division ratio
is selectable to
B25/ B50/ B140/ B250/ B256/ B512/
B1024 in the I2C bus mode and B25/ B50/ B100/
B140/ B250/ B280/ B500 in the 3-wire bus mode.
In I2C bus mode, the division ratio may be set via three
bits, in 3-wire bus mode via two bits and a voltage at the
reference divider select input Pin 3. In addition, there are
port outputs available for band switching and other
purposes.
Application
A typical application is shown on page 14. All input/
output interface circuits are shown on the pages 12 and
13. Some special features which are related to test- and
alignment procedures for tuner production are explained
together with the bus mode descriptions.
Absolute Maximum Ratings
All voltages are referred to GND (Pin 15)
Parameters
Symbol
Conditions
Min.
Max.
Unit
Supply voltage
Pin 12
Vs
–0.3
6
V
RF input voltage
Pins 13, 14
RFi
–0.3
Vs + 0.3
V
Port output current
Pins 6-11
P0, P3-7
Open collector
–1
15
mA
Total port output current
Pins 6-11
P0, P3-7
Open collector
–1
50
mA
Port input/ output voltage
Pins 6-10
P3-7
In off state
–0.3
14
V
Port output voltage
Pins 6-11
P0, P3-7
In on state
–0.3
6
V
Bus input/ output voltage
Pins 4 and 5
VSDA,
VSCL
–0.3
6
V
SDA output current
Pin 4
ISDA
Open collector
–1
5
mA
Address select/ Enable input
Pin 10
Port output voltage
AS/
ENABLE/
P3
Port in off
state
–0.3
14
V
Charge pump output voltage
Pin 1
PD
–0.3
Vs + 0.3
V
Active filter output voltage
Pin 16
VD
–0.3
Vs + 0.3
V
Crystal oscillator voltage
Pin 2
Q1
–0.3
Vs + 0.3
V
Reference divider select input/
Pin 3
Address mode select input
RDS/
AMS
–0.3
VS + 0.3
V
Junction temperature
Tj
–40
125
°C
Storage temperature
Tstg
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com