Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U6239B Datasheet HTML 1Page - TEMIC Semiconductors U6239B Datasheet HTML 2Page - TEMIC Semiconductors U6239B Datasheet HTML 3Page - TEMIC Semiconductors U6239B Datasheet HTML 4Page - TEMIC Semiconductors U6239B Datasheet HTML 5Page - TEMIC Semiconductors U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
2 (15)
Ordering Information
Extended Type Number
Package
Remarks
U6239B-AFPG3
SO16, plastic package
Taped and reeled
SSO16 package on request
Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RDS/AMS
SDA
95 10947
SCL
P7
P6/ ADC
P5
PD
Q1
RFi
RFi
VS
P0/ Lock
AS/ENABLE/
P3
P4
VD
GND
Pin
Symbol
Function
1
PD
Charge pump output
2
Q1
Crystal input
3
RDS/
AMS
Reference divider select input
(3-wire bus mode)
Address mode select input
(I2C bus mode)
4
SDA
Data input/ output
5
SCL
Clock input
6
P7
Port 7 input/ output
7
P6/
ADC
Port 6 output
Analog-Digital-Converter input
8
P5
Port 5 input/ output
9
P4
Port 4 input/ output
10
AS/
ENABLE/
P3
Address select input
Enable input
Port 3 output
11
P0/Lock
Port 0 output/Lock output
12
VS
Supply voltage
13
RFi
RF input
14
RFi
RF input
15
GND
Ground
16
VD
Active filter output
Circuit Description
The U6239B is a single-chip PLL designed for SAT TV
tuner and cable tuner. It consists of a divide-by-16
prescaler with an integrated preamplifier, a 15-bit
programmable divider, a crystal oscillator, and a
reference divider with selectable divider ratios, a phase/
frequency detector together with a charge pump which
drives the tuning amplifier. Only one external transistor
is required for varactor line driving. The device can be
controlled via I2C bus format or via 3-wire bus format. It
detects automatically which bus format has been
received. Therefore, there is no need for a bus selection
pin. In I2C bus mode, the device has four programmable
or one fixed and three programmable I2C bus addresses,
depending on the voltage level at Pin 3. They are
programmed by applying a specific input voltage to the
address select input Pin 10, enabling the use of up to four
synthesizers in a system. If the fixed address is used, this
pin can be used as a normal output port. The same pin
serves as the enable signal input in 3-wire bus mode.
Depending whether the fixed address is used or not there
are five or six open collector outputs for switching
functions available. In 3-wire bus mode there are four
open collector outputs and one lock signal output. All
open collector outputs are capable of sinking at least
10 mA. In I2C bus mode an analog-to-digital converter
(ADC) is available for digital AFC (automatic frequency
control) applications and the ports P4, P5 and P7 can also
be used as input ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com