Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U6239B Datasheet HTML 5Page - TEMIC Semiconductors U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors U6239B Datasheet HTML 10Page - TEMIC Semiconductors U6239B Datasheet HTML 11Page - TEMIC Semiconductors U6239B Datasheet HTML 12Page - TEMIC Semiconductors U6239B Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
9 (15)
I2C Bus Description (continued)
I2C Bus Timing
SDA
SCL
t
t
t
tt
t
t
t
t
t
R
F
S STP
H DAT
S DAT
HIGH
LOW
S STT
W STT
H STT
START
CLOCK
DATACHANGE
STOP
9611812
Figure 2.
Parameters
Symbol
Min.
Max.
Unit
Rise time SDA, SCL
tR
15
ms
Fall time SDA, SCL
tF
15
ms
Clock frequency SCL
fSCL
0
100
kHz
Clock ‘H’ pulse
tHIGH
1
ms
Clock ‘L’ pulse
tLOW
1
ms
Hold time start
tH STT
1
ms
Waiting time start
tW STT
1
ms
Setup time start
tS STT
1
ms
Setup time stop
tS STP
1
ms
Setup time data
tS DAT
0.25
ms
Hold time data
tH DAT
0
ms
3-Wire Bus Description
When the U6239B is controlled via a 3-wire bus format,
then data, clock and enable signals are fed into the SDA,
SCL and AS/ENABLE/P3 lines respectively. The
diagram “3-wire bus pulse diagram” shows the data for-
mat. The data consist of a single word which contains the
programmable divider (14 bit) and port information. Bit
No. 15 of the programmable divider is always zero, when
the 3-wire bus mode is active. The data is only clocked
into the internal data shift register on the negative clock
transition during the enable high period. During enable
low periods the clock input is disabled. New data words
are only accepted by the internal data latches from the
shift register on a negative transition of the enable signal
if exactly eigtheen clock pulses were sent during the high
period of the enable. The data sequence and the timing is
described in the following diagrams.
In 3-wire bus mode Pin 9 automatically becomes the
lock-signal output. An improved lock detect circuit
generates a flag when the loop has attained lock. ‘In lock’
is indicated by a low impedance state (on) of the open
collector output.
In 3-wire bus mode the high charge pump current is
always active. The charge pump current can only be con-
trolled in I2C bus mode.
The complete PLL function can be disabled by
programming a normally not used division ratio of zero.
This allows the tuner alignment by supplying the tuning
voltage directly through the 33 V supply voltage of the
tuner.
In 3-wire bus mode the division ratio of the reference
divider is controlled via information RD1, RD2 and the
reference divider select input Pin 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com