Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U6239B Datasheet HTML 1Page - TEMIC Semiconductors U6239B Datasheet HTML 2Page - TEMIC Semiconductors U6239B Datasheet HTML 3Page - TEMIC Semiconductors U6239B Datasheet HTML 4Page - TEMIC Semiconductors U6239B Datasheet HTML 5Page - TEMIC Semiconductors U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
4 (15)
Operating Range
All voltages are referred to GND (Pin 15)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Pin 12
VS
4.5
5
5.5
V
Ambient temperature
Tamb
–20
85
°C
Input frequency
Pins 13 and 14
RFi
250
2900
MHz
Programmable divider
I2C bus mode
SF
256
32767
Programmable divider
3-wire bus mode
SF
256
16383
Thermal Resistance
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Junction ambient
Package SO16 soldered to PCB
RthJA
110
K/W
Electrical Characteristics
Test conditions (unless otherwise specified): VS = 5 V, Tamb = 25°C
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply current (prescaler on)
Ports off
Pin 12
ICC
23
mA
Input sensitivity
fRFi = 250 MHz
Pin 13
Vi 1)
100
300
mVrms
fRFi = 750 -2900 MHz
Pin 13
Vi 1)
20
300
mVrms
Crystal oscillator
Recommended crystal series
resistance
10
200
W
Crystal oscillator drive level
Pin 2
50
mVrms
Crystal oscillator source
impedance
Nominal spread
" 15%
Pin 2
–650
W
External reference input
frequency
AC coupled sinewave
Pin 2
2
8
MHz
External reference input
amplitude
AC coupled sinewave
Pin2
70
200
mVrms
Port outputs (current limited, output function only in I2C bus mode)
Port P0 at Pin 11.
Port P3 at Pin 10, is only usable with AMS = ‘L’ (= 3 address mode).
P0, P3 Sink current
VH = 12 V,
Pins 10 and 11
ISL
0.7
1
1.5
mA
Leakage current
VH = 13.2 V
IL
10
mA
Port outputs, Lock output (open collector, locked = ‘L’. Ports P4 – P7 at Pins 6–9)
Lock output at Pin 11, only in 3-wire bus mode.
Saturation voltage
IL = 10 mA
VSL 2)
0.5
V
Leakage current
VH = 13.2 V
IL
10
mA
Port inputs (Ports 4, 5 and 7 at Pins 6, 8 and 9)
Input voltage high
Vi ‘H’
2.7
V
Input voltage low
Vi ‘L’
0.8
V
Input current high
Vi ‘H’ = 13.2 V
Ii ‘H’
10
mA
Input current low
Vi ‘L’ = 0 V
Ii ‘L’
–10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com