Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U6239B
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U6239B Datasheet HTML 1Page - TEMIC Semiconductors U6239B Datasheet HTML 2Page - TEMIC Semiconductors U6239B Datasheet HTML 3Page - TEMIC Semiconductors U6239B Datasheet HTML 4Page - TEMIC Semiconductors U6239B Datasheet HTML 5Page - TEMIC Semiconductors U6239B Datasheet HTML 6Page - TEMIC Semiconductors U6239B Datasheet HTML 7Page - TEMIC Semiconductors U6239B Datasheet HTML 8Page - TEMIC Semiconductors U6239B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
5 (15)
Electrical Characteristics (continued)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
ADC input (ADC, Pin 7, see page 8 for ADC-levels)
Input current high
Vi ‘H’ = 13.2 V
Ii ‘H’
10
mA
Input current low
Vi ‘L’ = 0 V
Ii ‘L’
–10
mA
Charge pump output (PD)
Charge pump current ‘H’
5I = 1, VPD = 1.7 V, Pin 1
IPDH
"180
mA
Charge pump current ‘L’
5I = 0, VPD = 1.7 V, Pin 1
IPDL
"50
mA
Charge pump leakage current
T0 = 1, VPD = 1.7 V, Pin 1
IPDTRI
"5
nA
Charge pump amplifier gain
Pins 1 and 16
6400
Bus inputs Data and Clock (SDA, SCL) I2C bus mode and 3-wire bus mode
Input voltage high
Pins 4 and 5
Vi ‘H’
3
5.5
V
Input voltage low
Pins 4 and 5
Vi ‘L’
1.5
V
Input current high
Vi ‘H’ = VS, Pins 4 and 5
Ii ‘H’
10
mA
Input current low
Vi ‘L’ = 0 V, Pins 4 and 5
Ii ‘L’
–20
mA
Output voltage SDA
(open collector)
ISDA‘L’ = 3 mA, Pin 4
VSDA ‘L’
0.4
V
Bus input Enable, 3-wire bus mode (ENABLE, Pin 10)
Input voltage high
Pin 10
Vi ‘H’
75%
VS
VS +
0.3 V
V
Input voltage low
Pin 10
Vi ‘L’
1.0
V
Input current high
Vi ‘H’ = VS, Pin 10
Ii ‘H’
10
mA
Input current low (RDS = ‘L’)
Vi ‘L’ = 0 V, Pin 10
Ii ‘L’
–10
mA
Input current low (RDS = ‘H’)
Vi ‘L’ = 0 V, Pin 10
Ii ‘L’
–100
mA
Address selection / port output (AS/P3, Pin 10)
Input current low (AMS = L)
Vi ‘L’ = 0 V (3 address)
Ii ‘L’
–10
mA
Input current high (AMS = L)
Vi ‘H’ = 13.2 V (3 address)
Ii ‘H’
10
mA
Input current low (AMS = H)
Vi ‘L’ = 0 V (4 address)
Ii ‘L’
–100
mA
Input current high (AMS = H)
Vi ‘H’ = VS (4 address)
Ii ‘H’
10
mA
Reference divider select/Address mode select (RDS, AMS)
Input voltage high
Pins 4 and 5
Vi ‘H’
3
5.5
V
Input voltage low
Pins 4 and 5
Vi ‘L’
1.5
V
Input current high
Vi ‘H’ = VS, Pins 4 and 5
Ii ‘H’
10
mA
Input current low
Vi ‘L’ = 0 V, Pins 4 and 5
Ii ‘L’
–20
mA
Notes:
1) RMS - voltage calculated from the measured available power on 50
W.
2) Tested with one port active. The collector voltage of an active port must not exceed 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com