Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1520 Datasheet (PDF) - Diotec Semiconductor

SB1520 Datasheet PDF - Diotec Semiconductor
Part # SB1520
Download  SB1520 Download
File Size   95.89 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers

SB1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1520 Datasheet PDF - Diotec Semiconductor

Part # SB1520
Download  SB1520 Click to download

File Size   95.89 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifiers

SB1520 Datasheet (HTML) - Diotec Semiconductor


SB1520 Product details

Features
    Best trade-off between VF and IR 2) Low forward voltage drop Smaller package outline than industry standard Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Solar Bypass Diodes, Polarity Protection, Free-wheeling diodes, Output Rectification in DC/DC Converters Commercial grade 1)

Mechanical Data 1)
    Taped in ammo pack 500
    On request: on 13” reel 1000
    Weight approx. 1 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL N/A




Similar Part No. - SB1520

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
103Kb / 2P
Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
logo
Semikron International
SB1520 SEMIKRON-SB1520 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1520 MCC-SB1520 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1520 LRC-SB1520 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
103Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - SB1520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB3020PT PANJIT-SB3020PT Datasheet
184Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com