Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB220 Datasheet (PDF) - Leshan Radio Company

SB220 Datasheet PDF - Leshan Radio Company
Part # SB220
Download  SB220 Download
File Size   262.26 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Schottky Barrier Rectifiers

SB220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB220 Datasheet PDF - Leshan Radio Company

Part # SB220
Download  SB220 Click to download

File Size   262.26 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Schottky Barrier Rectifiers Schottky Barrier Rectifiers

SB220 Datasheet (HTML) - Leshan Radio Company


SB220 Product details

Reverse Voltage 20 to 100V

Feature & Dimensions
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Low power loss, high efficiency
* For use in low voltage high frequency inverters,
   free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
   260°C/10 seconds at terminals

Mechanical Data
   Case: JEDEC DO-15, molded plastic over sky die
   Terminals: Plated axial leads, solderable per
                    MIL-STD-750, Method 2026
   Polarity: Color band denotes cathode end
   Mounting Position: Any
   Weight: 0.015 oz., 0.40 g
   Handling precautin:None




Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB220 ZOWIE-SB220 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB220 EIC-SB220 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB3020PT PANJIT-SB3020PT Datasheet
184Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com