Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9245BCP-65EB Datasheet (PDF) - Analog Devices

AD9245BCP-65EB Datasheet PDF - Analog Devices
Part # AD9245BCP-65EB
Download  AD9245BCP-65EB Download
File Size   881.51 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter

AD9245BCP-65EB Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9245BCP-65EB Datasheet PDF - Analog Devices

Part # AD9245BCP-65EB
Download  AD9245BCP-65EB Click to download

File Size   881.51 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter

AD9245BCP-65EB Datasheet (HTML) - Analog Devices


AD9245BCP-65EB Product details

GENERAL DESCRIPTION
The AD9245 is a monolithic, single 3 V supply, 14-bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS analog-to-digital converter (ADC) featuring a high performance sample-andhold amplifier (SHA) and voltage reference. The AD9245 uses a multistage differential pipelined architecture with output error correction logic to provide 14-bit accuracy and guarantee no missing codes over the full operating temperature range.

FEATURES
   Single 3 V supply operation (2.7 V to 3.6 V)
   SNR = 72.7 dBc to Nyquist
   SFDR = 83.0 dBc to Nyquist
   Low power
      366 mW at 80 MSPS
      300 mW at 65 MSPS
      165 mW at 40 MSPS
      90 mW at 20 MSPS
   Differential input with 500 MHz bandwidth
   On-chip reference and sample-and-hold
   DNL = ±0.5 LSB
   Flexible analog input: 1 V p-p to 2 V p-p range
   Offset binary or twos complement data format
   Clock duty-cycle stabilizer

APPLICATIONS
   Medical imaging equipment
   IF sampling in communications receivers
      WCDMA, CDMA-One, CDMA-2000, and TDS-CDMA
   Battery-powered instruments
   Hand-held scopemeters
   Spectrum analyzers
   Power-sensitive military applications




Similar Part No. - AD9245BCP-65EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9245BCP-65EB AD-AD9245BCP-65EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results


Similar Description - AD9245BCP-65EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9251 AD-AD9251 Datasheet
1Mb / 36P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com