Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6644 Datasheet (PDF) - Analog Devices

AD6644 Datasheet PDF - Analog Devices
Part # AD6644
Download  AD6644 Download
File Size   1155.79 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 40 MSPS/65 MSPS A/D Converter

AD6644 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6644 Datasheet PDF - Analog Devices

Part # AD6644
Download  AD6644 Click to download

File Size   1155.79 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 40 MSPS/65 MSPS A/D Converter

AD6644 Datasheet (HTML) - Analog Devices


AD6644 Product details

GENERAL DESCRIPTION
The AD6644 is a high speed, high performance, monolithic 14-bit analog-to-digital converter (ADC). All necessary functions, including track-and-hold (TH) and reference, are included onchip to provide a complete conversion solution. The AD6644 provides CMOS-compatible digital outputs. It is the third generation in a wideband ADC family, preceded by the AD9042 (12-bit 41 MSPS) and the AD6640 (12-bit 65 MSPS, IF sampling).

FEATURES
   65 MSPS guaranteed sample rate
   40 MSPS version available
   Sampling jitter < 300 fs
   100 dB multitone SFDR
   1.3 W power dissipation
   Differential analog inputs
   Pin compatible to AD6645
   Twos complement digital output format
   3.3 V CMOS compatible
   Data-ready for output latching

APPLICATIONS
   Multichannel, multimode receivers
   AMPS, IS-136, CDMA, GSM, WCDMA
   Single channel digital receivers
   Antenna array processing
   Communications instrumentation
   Radar, infrared imaging
   Instrumentation




Similar Part No. - AD6644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
738Kb / 25P
Analog-to-Digital Converter
Rev. D
AD6644AST-40 AD-AD6644AST-40 Datasheet
738Kb / 25P
Analog-to-Digital Converter
Rev. D
AD6644AST-65 AD-AD6644AST-65 Datasheet
738Kb / 25P
Analog-to-Digital Converter
Rev. D
AD6644ASTZ-40 AD-AD6644ASTZ-40 Datasheet
738Kb / 25P
Analog-to-Digital Converter
Rev. D
AD6644ASTZ-65 AD-AD6644ASTZ-65 Datasheet
738Kb / 25P
Analog-to-Digital Converter
Rev. D
More results


Similar Description - AD6644

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244 Datasheet
1Mb / 36P
14-Bit, 40/65 MSPS Monolithic A/D Converter
6/03-Data Sheet changed from REV. 0 to REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
1/06-Rev. C to Rev. D
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com