Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244 Datasheet (PDF) - Analog Devices

AD9244 Datasheet PDF - Analog Devices
Part # AD9244
Download  AD9244 Download
File Size   1845.45 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 40/65 MSPS Monolithic A/D Converter

AD9244 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9244 Datasheet PDF - Analog Devices

Part # AD9244
Download  AD9244 Click to download

File Size   1845.45 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 40/65 MSPS Monolithic A/D Converter

AD9244 Datasheet (HTML) - Analog Devices


AD9244 Product details

GENERAL DESCRIPTION
The AD9244 is a monolithic, single 5 V supply, 14-bit, 40 MSPS/65 MSPS ADC with an on-chip, high performance sample-and-hold amplifier (SHA) and voltage reference. The AD9244 uses a multistage differential pipelined architec ture with output error correction logic to provide 14-bit accuracy at 40 MSPS/65 MSPS data rates, and guarantees no missing codes over the full operating temperature range. The AD9244 has an on-board, programmable voltage reference.
An external reference can also be used to suit the dc accuracy and temperature drift requirements of the application.
A differential or single-ended clock input controls all internal conversion cycles. The digital output data can be presented in straight binary or in twos complement format. An out-of-range (OTR) signal indicates an overflow condition that can be used with the most significant bit to determine low or high overflow.
Fabricated on an advanced CMOS process, the AD9244 is available in a 48-lead LQFP and is specified for operation over the industrial temperature range (–40°C to +85°C).

FEATURES
  14-bit, 40 MSPS/65 MSPS ADC
  Low power
     550 mW at 65 MSPS
     300 mW at 40 MSPS
  On-chip reference and sample-and-hold
  750 MHz analog input bandwidth
  SNR > 73 dBc to Nyquist @ 65 MSPS
  SFDR > 86 dBc to Nyquist @ 65 MSPS
  Differential nonlinearity error = ±0.7 LSB
  Guaranteed no missing codes over full temperature range
  1 V to 2 V p-p differential full-scale analog input range
  Single 5 V analog supply, 3.3 V/5 V driver supply
  Out-of-range indicator
  Straight binary or twos complement output data
  Clock duty cycle stabilizer
  Output-enable function
  48-lead LQFP package

APPLICATIONS
  Communication subsystems (microcell, picocell)
  Medical and high-end imaging equipment
  Test and measurement equipment




Similar Part No. - AD9244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
AD9244-40PCB AD-AD9244-40PCB Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244-40PCB AD-AD9244-40PCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9244-40PCB AD-AD9244-40PCB Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
AD9244-65PCB AD-AD9244-65PCB Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
More results


Similar Description - AD9244

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9248 AD-AD9248 Datasheet
419Kb / 23P
14-Bit, 20/40/65 MSPS Dual A/ D Converter
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
14-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com