Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 2 Page - Analog Devices

  AD9244 Datasheet HTML 1Page - Analog Devices AD9244 Datasheet HTML 2Page - Analog Devices AD9244 Datasheet HTML 3Page - Analog Devices AD9244 Datasheet HTML 4Page - Analog Devices AD9244 Datasheet HTML 5Page - Analog Devices AD9244 Datasheet HTML 6Page - Analog Devices AD9244 Datasheet HTML 7Page - Analog Devices AD9244 Datasheet HTML 8Page - Analog Devices AD9244 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
REV. A
–2–
AD9244–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
14
14
Bits
DC ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Bits
Offset Error
Full
VI
±0.3
±1.4
±0.3
±1.4
% FSR
Gain Error
1
Full
VI
±0.6
±2.0
±0.6
±2.0
% FSR
Differential Nonlinearity (DNL)
2
Full
VI
±1.0
±1.0
LSB
25
°CV
±0.7
±0.6
LSB
Integral Nonlinearity (INL)
2
Full
V
±1.4
±1.3
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2.0
±2.0
ppm/
°C
Gain Error (EXT VREF)
1
Full
V
±2.3
±2.3
ppm/
°C
Gain Error (INT VREF)
3
Full
V
±25
±25
ppm/
°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (2 VREF)
Full
VI
±29
±29
mV
Load Regulation @ 1 mA
Full
V
0.5
0.5
mV
Output Voltage Error (1 VREF)
Full
IV
±15
±15
mV
Load Regulation @ 0.5 mA
Full
V
0.25
0.25
mV
Input Resistance
Full
V
5
5
k
Ω
INPUT REFERRED NOISE
VREF = 2 V
25
°CV
0.8
0.8
LSB rms
VREF = 1 V
25
°CV
1.5
1.5
LSB rms
ANALOG INPUT
Input Voltage Range (Differential)
VREF = 2 V
Full
V
2
2
V p-p
VREF = 1 V
Full
V
1
1
V p-p
Common-Mode Voltage
Full
V
0.5
4
0.5
4
V
Input Capacitance
4
25
°CV
10
10
pF
Input Bias Current
5
25
°CV
500
500
µA
Analog Bandwidth (Full Power)
25
°CV
750
750
MHz
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
4.75
5
5.25
4.75
5
5.25
V
DRVDD
Full
IV
2.7
5.25
2.7
5.25
V
Supply Current
IAVDD
Full
V
109
64
mA
IDRVDD
Full
V
12
8
mA
PSRR
Full
V
±0.05
±0.05
% FSR
POWER CONSUMPTION
DC Input
6
Full
V
550
300
mW
Sine Wave Input
Full
VI
590
640
345
370
mW
NOTES
1Gain error is based on the ADC only (with a fixed 2.0 V external reference).
2Measured at maximum clock rate, f
IN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3Includes internal voltage reference error.
4Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 2d for the equivalent analog input structure.
5Input bias current is due to the inputs looking like a resistor that is dependent on the clock rate.
6Measured with dc input at maximum clock rate.
Specifications subject to change without notice.
(AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS (–65) or 40 MSPS (–40), Differential Clock Inputs, VREF = 2 V,
External Reference, Differential Analog Inputs, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com