Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9244 Datasheet HTML 9Page - Analog Devices AD9244 Datasheet HTML 10Page - Analog Devices AD9244 Datasheet HTML 11Page - Analog Devices AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. A
AD9244
–13–
0
–120
–20
–40
–60
–80
–100
SNR = 67.5dBc
SFDR = 79.4dBc
FREQUENCY – MHz
05
10
15
20
25
30 32.5
TPC 19. Dual-Tone FFT with fIN–1 = 44.2 MHz and
fIN–2 = 45.6 MHz (AIN1 = AIN2 = –6.5 dBFS)
0
–120
–20
–40
–60
–80
–100
FREQUENCY – MHz
05
10
15
20
25
30 32.5
SNR = 67.0dBc
SFDR = 78.2dBc
TPC 20. Dual-Tone FFT with fIN–1 = 69.2 MHz and
fIN–2 = 70.6 MHz (AIN1 = AIN2 = –6.5 dBFS)
0
–120
–20
–40
–60
–80
–100
SNR = 65.0dBc
SFDR = 69.1dBc
FREQUENCY – MHz
05
10
15
20
25
30
32.5
TPC 21. Dual-Tone FFT with fIN–1 = 139.2 MHz and
fIN–2 = 140.7 MHz (AIN1 = AIN2 = –6.5 dBFS)
AIN – dBFS
40
–25
–20
–15
–10
–6
100
90
80
60
50
70
SFDR – dBFS
SNR – dBFS
SNR – dBc
SFDR – dBc
–30
SFDR = 90dBc
REFERENCE LINE
TPC 22. Dual-Tone SNR/SFDR vs. AIN with fIN–1 =
44.2 MHz and fIN–2 = 45.6 MHz
AIN – dBFS
40
–25
–20
–15
–10
–6
100
90
80
60
50
70
SNR – dBFS
SNR – dBc
SFDR – dBc
SFDR – dBFS
–30
SFDR = 90dBc
REFERENCE LINE
TPC 23. Dual-Tone SNR/SFDR vs. AIN with fIN–1 =
69.2 MHz and fIN–2 = 70.6 MHz
AIN – dBFS
40
–25
–20
–15
–10
–6
90
80
60
50
70
SFDR – dBFS
SNR – dBFS
SNR – dBc
SFDR – dBc
100
–30
SFDR = 90dBc
REFERENCE LINE
TPC 24. Dual-Tone SNR/SFDR vs. AIN with fIN–1 =
139.2 MHz and fIN–2 = 140.7 MHz
TYPICAL IF SAMPLING PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com