Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9248 Datasheet (PDF) - Analog Devices

AD9248 Datasheet PDF - Analog Devices
Part # AD9248
Download  AD9248 Download
File Size   419.17 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20/40/65 MSPS Dual A/ D Converter

AD9248 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9248 Datasheet PDF - Analog Devices

Part # AD9248
Download  AD9248 Click to download

File Size   419.17 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 20/40/65 MSPS Dual A/ D Converter

AD9248 Datasheet (HTML) - Analog Devices


AD9248 Product details

GENERAL DESCRIPTION

The AD9248 is a dual, 3 V, 14- bit, 20/40/65 MSPS analog - to digital converter. It features dual high performance sample- and hold amplifiers and an integrated vol tage reference. The AD9248 uses a multistage differential pipelined architecture with output error correction logic to provide 14- bit accuracy

and guarantee no missing codes over the full operating temperature range at up to 65 MSPS data rates. The wide bandwidth, differential SHA allows for a variety of user selectable input ranges and offsets including single - ended applications. It is suitable for various applications including multiplexed systems that switch full- scale voltage levels in successive chann els and for sampling inputs at frequencies well

beyond the Nyquist rate.



FEATURES

Integrated Dual 14-Bit A -to-D Converters

Single 3 V Supply Operation (2.7 V to 3.6 V)

SNR = 73 dBc (to Nyquist, AD9248-65)

SFDR = 83 dBc (to Nyquist, AD9248-65)

Low Power: 600 mW at 65 MSPS

Differential Input with 500 MHz 3 dB Bandwidth

Exceptional Cross Talk Immunity > 85dB

Flexible Analog Input: 1 V p-p to 2 V p-p Range

Offset Binary or Twos Complement Data Format

Clock Duty Cycle Stabilizer



APPLICATIONS

Ultrasound Equipment

IF Sampling in Communications Receivers:

IS-95, CDMA One, IMT-2000

Battery -Powered Instruments

Hand-Held Scopemeters

Low Cost Digital Oscilloscopes




Similar Part No. - AD9248

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248 AD-AD9248 Datasheet
1Mb / 49P
Dual A/D Converter
Rev. B
AD9248BCP-20EB AD-AD9248BCP-20EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-40EB AD-AD9248BCP-40EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EB AD-AD9248BCP-65EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EBZ AD-AD9248BCP-65EBZ Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Similar Description - AD9248

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644 Datasheet
1Mb / 19P
14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
4/05-Rev. A to Rev. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
14-Bit, 40 MSPS/65 MSPS A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com