Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9912 Datasheet (PDF) - Supertex, Inc

HV9912 Datasheet PDF - Supertex, Inc
Part # HV9912
Download  HV9912 Download
File Size   873.27 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection

HV9912 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9912 Datasheet PDF - Supertex, Inc

Part # HV9912
Download  HV9912 Click to download

File Size   873.27 Kbytes
Page   12 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection

HV9912 Datasheet (HTML) - Supertex, Inc


HV9912 Product details

General Description

The  HV9912  is  a  current  mode  control  LED  driver  IC  designed to control single switch PWM converters (buck, boost, buck-boost or SEPIC) in a constant frequency mode. The controller uses a peak  current-mode  control  scheme  with  programmable  slope compensation and includes an internal transconductance amplifier

to control the output current in closed loop enabling high output current accuracy (in the case of buck and buck-boost converters, the output current can be sensed using a high side current sensor like the HV7800).



Features

Switch mode controller for single switch

drivers

  ♦Buck

  ♦Boost

  ♦Buck-boost and SEPIC

Works with high side current sensors

Closed loop control of output current

High PWM dimming ratio

Internal 90V linear regulator (can be extended using external Zener diodes)

Internal 2% voltage reference

  (0°C < TA< 85°C)

Constant frequency operation

Programmable slope compensation

Linear & PWM dimming

+0.2A/-0.4A gate drive

Hiccup mode protection for both short circuit and open circuit conditions

Synchronization capability

Pin compatible with HV9911



Applications

LED backlight applications

General LED lighting applications

Battery powered LED lamps

 




Similar Part No. - HV9912

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
HV9912NG-G MICROCHIP-HV9912NG-G Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
HV9912NG-G-M901 MICROCHIP-HV9912NG-G-M901 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
HV9912NG-G-M934 MICROCHIP-HV9912NG-G-M934 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
More results


Similar Description - HV9912

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
455Kb / 9P
Switch-mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Arch Electronics Corp.
BR120 ARCH-BR120 Datasheet
286Kb / 3P
Over Current Protection (Hiccup Mode)
BR240 ARCH-BR240 Datasheet
274Kb / 3P
Over Current Protection (Hiccup Mode)
BR400 ARCH-BR400 Datasheet
293Kb / 3P
Over Current Protection (Hiccup Mode)
BRH100 ARCH-BRH100 Datasheet
384Kb / 4P
Over Current Protection (Hiccup Mode)
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com