Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9911 Datasheet (PDF) - Supertex, Inc

HV9911 Datasheet PDF - Supertex, Inc
Part # HV9911
Download  HV9911 Download
File Size   455.16 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Switch-mode LED Driver IC with High Current Accuracy

HV9911 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9911 Datasheet PDF - Supertex, Inc

Part # HV9911
Download  HV9911 Click to download

File Size   455.16 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Switch-mode LED Driver IC with High Current Accuracy

HV9911 Datasheet (HTML) - Supertex, Inc


HV9911 Product details

General Description

The HV9911 is a current mode control LED driver IC designed to control single switch PWM converters (buck, boost or buck-boost), in a constant frequency or constant off-time mode. The controller uses a peak current control scheme, (with programmable slope compensation), and includes an internal transconductance amplifier to control the output current in closed loop, enabling high output current accuracy (in the case of buck and buck-boost converters, the high side output current can be sensed by using the HV7800).



Features

 Switch mode controller for single switch drivers

  o Buck

  o Boost

  o Buck-boost

 Works with high side current sensing

 Closed loop control of output current

 High PWM dimming ratio

 Internal 9 to 250V linear regulator (can be extended using external zener diodes)

 Internal 2% Voltage Reference (-40°C  Constant frequency or constant off-time operation

 Programmable slope compensation

 Enable & PWM dimming

 +0.25A/-0.5A gate drive (VDD = 10V)

 Output short circuit protection

 Output over voltage protection

 Synchronization capability

 Programmable MOSFET current limit

 Soft start



Applications

 RGB backlight applications

 Automotive LED driver application

 Battery Powered LED lamps

 Other DC/DC LED drivers



 




Similar Part No. - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9911NG-G SUTEX-HV9911NG-G Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
More results


Similar Description - HV9911

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
logo
Supertex, Inc
AT9917 SUTEX-AT9917 Datasheet
734Kb / 12P
Automotive LED Driver IC with High Current Accuracy
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
Switch-Mode High-Brightness LED Driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
High current switch mode PWM LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com