Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1366 Datasheet (PDF) - Diodes Incorporated

ZXLD1366 Datasheet PDF - Diodes Incorporated
Part # ZXLD1366
Download  ZXLD1366 Download
File Size   1069.05 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description High accuracy 1A, 60V LED driver with internal switch

ZXLD1366 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1366 Datasheet PDF - Diodes Incorporated

Part # ZXLD1366
Download  ZXLD1366 Click to download

File Size   1069.05 Kbytes
Page   32 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description High accuracy 1A, 60V LED driver with internal switch

ZXLD1366 Datasheet (HTML) - Diodes Incorporated


ZXLD1366 Product details

Description

The ZXLD1366 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 6V and 60V and provides an externally adjustable output current of up to 1A. Depending upon supply voltage and external components, this can provide up to 48 watts of output power.

The ZXLD1366 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.



Features

• Typically better than 0.8% output current accuracy

• Available in thermally enhanced DFN package

• Simple and with low part count

• Single pin on/off and brightness control using DC voltage or PWM

• PWM resolution up to 1000:1

• High efficiency (up to 97%)

• Wide input voltage range: 6V to 60V

• Inherent open-circuit LED protection



Applications

• Low voltage halogen replacement LEDs

• Automotive lighting

• Low voltage industrial lighting

• LED back-up lighting

• Illuminated signs

• Emergency lighting

• SELV lighting

• LCD TV backlighting

• Refrigeration lights



 




Similar Part No. - ZXLD1366

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
ZXLD1366DACTC DIODES-ZXLD1366DACTC Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
ZXLD1366DACTC DIODES-ZXLD1366DACTC Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
ZXLD1366EN8TC DIODES-ZXLD1366EN8TC Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
More results


Similar Description - ZXLD1366

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1356 DIODES-ZXLD1356 Datasheet
1Mb / 32P
High accuracy 550mA, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com