Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1362 Datasheet (PDF) - Zetex Semiconductors

ZXLD1362 Datasheet PDF - Zetex Semiconductors
Part # ZXLD1362
Download  ZXLD1362 Download
File Size   866.92 Kbytes
Page   32 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 1A LED driver with internal switch

ZXLD1362 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1362 Datasheet PDF - Zetex Semiconductors

Part # ZXLD1362
Download  ZXLD1362 Click to download

File Size   866.92 Kbytes
Page   32 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 1A LED driver with internal switch

ZXLD1362 Datasheet (HTML) - Zetex Semiconductors


ZXLD1362 Product details

Description

The ZXLD1362 is a continuous mode inductive step-down converter with integrated switch and high side current sense. It operates from an input supply from6V to 60V driving single or multiple series connected LEDs efficiently externally adjustable output current up to 1A.



Features

• Simple low parts count

• Single pin on/off and brightness control using DC voltage or PWM

• High efficiency (up to 95%)

• Wide input voltage range: 6V to 60V

• Up to 1MHz switching frequency

• Qualified to AEC-Q100 Grade 1

• Typical 2% output current accuracy

• Thermally enhanced TSOT25: θJA  82°C/W

• Available in Green molding

ƒ  Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)

ƒ  Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - ZXLD1362

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1362 DIODES-ZXLD1362 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
365Kb / 24P
60V 1A LED DREIVER WITH AEC-Q100
Rev 5
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1362QET5TA DIODES-ZXLD1362QET5TA Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
More results


Similar Description - ZXLD1362

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
High accuracy 1A, 60V LED driver with internal switch
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
Rev 5
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
30V 1A LED driver with internal switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com