Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1362ET5TA Datasheet (PDF) - Diodes Incorporated

ZXLD1362ET5TA Datasheet PDF - Diodes Incorporated
Part # ZXLD1362ET5TA
Download  ZXLD1362ET5TA Download
File Size   365.7 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 1A LED DREIVER WITH AEC-Q100

ZXLD1362ET5TA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1362ET5TA Datasheet PDF - Diodes Incorporated

Part # ZXLD1362ET5TA
Download  ZXLD1362ET5TA Click to download

File Size   365.7 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 1A LED DREIVER WITH AEC-Q100

ZXLD1362ET5TA Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZXLD1362ET5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362ET5TA ZETEX-ZXLD1362ET5TA Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Diodes Incorporated
ZXLD1362ET5TA DIODES-ZXLD1362ET5TA Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
More results


Similar Description - ZXLD1362ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com