Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1350 Datasheet (PDF) - Diodes Incorporated

ZXLD1350 Datasheet PDF - Diodes Incorporated
Part # ZXLD1350
Download  ZXLD1350 Download
File Size   467.95 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V 350mA LED DRIVER with AEC-Q100

ZXLD1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1350 Datasheet PDF - Diodes Incorporated

Part # ZXLD1350
Download  ZXLD1350 Click to download

File Size   467.95 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V 350mA LED DRIVER with AEC-Q100

ZXLD1350 Datasheet (HTML) - Diodes Incorporated


ZXLD1350 Product details

Description
The ZXLD1350 is a hysteretic mode inductive step-down converter with integrated switch and high side current sense.
It operates from an input supply from 7V to 30V driving single or multiple series connected LEDs efficiently external adjustable output current up to 350mA.
The ZXLD1350 has been qualified to AECQ100 grade 2 allowing it to operate at ambient temperatures from -40 to 105°C.

Features
• Simple low parts count
• Internal 30V NDMOS switch
• Internal PWM filter
• High efficiency (up to 95% (Note 1)
• Wide input voltage range: 7V to 30V
• 40V transient capability
• Up to 1MHz switching frequency
• Typical 4% output current accuracy
• Qualified to AEC-Q100 Grade 2
• Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 2)




Similar Part No. - ZXLD1350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350 Datasheet
116Kb / 2P
350mA LED driver with internal switch
ZXLD1350 ZETEX-ZXLD1350 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
454Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev. 8 - 2 March 2011
logo
Zetex Semiconductors
ZXLD1350ET5TA ZETEX-ZXLD1350ET5TA Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1350ET5TA DIODES-ZXLD1350ET5TA Datasheet
454Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev. 8 - 2 March 2011
More results


Similar Description - ZXLD1350

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1350 ZETEX-ZXLD1350_07 Datasheet
727Kb / 24P
350mA LED driver with internal switch
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
ZXLD1356 DIODES-ZXLD1356_10 Datasheet
529Kb / 29P
60V 550mA LED DRIVER with AEC-Q100
Rev 3
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
ZXLD1362 DIODES-ZXLD1362 Datasheet
369Kb / 28P
60V 1A LED DRIVER WITH AEC-Q100
Rev 2
ZXLD1362 DIODES-ZXLD1362_12 Datasheet
365Kb / 24P
60V 1A LED DREIVER WITH AEC-Q100
Rev 5
ZXLD1366ET5TA DIODES-ZXLD1366ET5TA Datasheet
856Kb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 7
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
logo
Diodes Incorporated
ZXLD1362 DIODES-ZXLD1362_14 Datasheet
471Kb / 25P
60V 1A LED DRIVER WITH AEC-Q100
Rev 6
ZXLD1366 DIODES-ZXLD1366_16 Datasheet
1Mb / 30P
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
Rev 9
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com