Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1352 Datasheet (PDF) - Diodes Incorporated

ZXLD1352 Datasheet PDF - Diodes Incorporated
Part # ZXLD1352
Download  ZXLD1352 Download
File Size   280.59 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100

ZXLD1352 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLD1352 Datasheet PDF - Diodes Incorporated

Part # ZXLD1352
Download  ZXLD1352 Click to download

File Size   280.59 Kbytes
Page   21 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100

ZXLD1352 Datasheet (HTML) - Diodes Incorporated


ZXLD1352 Product details

Description

The ZXLD1352 is a continuous mode inductive step-down converter with integrated switch and high side current sense. It operates from an input supply from 7V to 30V driving single and multiple series connected LEDs effciently externally adjustable output current up to 350mA.

The ZXLD1352 has been qualified to AEC-Q100 Grade 2 allowing it to operate at ambient temperatures from -40 to 105°C.

DC voltage or a PWM waveform. 1000:1 adjustment of output current is possible using PWM control. Applying a voltage of 0.2V or lower to the ADJ pin turns the output off and switches the device into a low current standby state.



Features

• Simple low parts count

• Single pin on/off and brightness control using DC voltage or PWM

• 1000:1 PWM dimming range

• High efficiency (up to 95%)*

• Wide input voltage range: 7V to 30V

• 40V transient capability

• Up to 1MHz switching frequency

• Typical 4% output current accuracy

• Qualified to AEC-Q100 Grade 2

• Available in Green molding (no Br, Sb) with lead free finish/RoHS compliant



Applications

• Low voltage halogen replacement LEDs

• Automotive lighting

• Low voltage industrial lighting

• LED back-up lighting

• Illuminated signs



 




Similar Part No. - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
ZXLD1352ET5TA ZETEX-ZXLD1352ET5TA Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
More results


Similar Description - ZXLD1352

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Diodes Incorporated
ZXLD1350 DIODES-ZXLD1350 Datasheet
467Kb / 22P
30V 350mA LED DRIVER with AEC-Q100
Rev 7
ZXLD1360 DIODES-ZXLD1360 Datasheet
319Kb / 25P
d30V 1A LED DRIVER with AEC-Q100
Rev 3
logo
Maxim Integrated Produc...
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com