Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1352 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1352 Datasheet HTML 1Page - Diodes Incorporated ZXLD1352 Datasheet HTML 2Page - Diodes Incorporated ZXLD1352 Datasheet HTML 3Page - Diodes Incorporated ZXLD1352 Datasheet HTML 4Page - Diodes Incorporated ZXLD1352 Datasheet HTML 5Page - Diodes Incorporated ZXLD1352 Datasheet HTML 6Page - Diodes Incorporated ZXLD1352 Datasheet HTML 7Page - Diodes Incorporated ZXLD1352 Datasheet HTML 8Page - Diodes Incorporated ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
2 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Block Diagram
Figure 1. Block Diagram
Pin Description
Name
Pin No.
Description
LX
1
Drain of NDMOS switch
GND
2
Ground (0V)
ADJ
3
Multi-function On/Off and brightness control pin:
• Leave floating for normal operation. (V
ADJ = VREF =1.25V giving nominal average output current
IOUTnom=0.1/RS)
• Drive to voltage below 0.2V to turn off output current
• Drive with DC voltage (0.3V<V
ADJ<2.5V) to adjust output current from 25% to 200%
† of I
OUTnom
• Drive with PWM signal from open-collector or open-drain transistor, to adjust output current.
o
Adjustment range 0.1% to 100% of IOUTnom for 100Hz < f < 1kHz
• Connect a capacitor from this pin to ground to define soft-start time. Soft-start time is
approx.0.5ms/nF)
ISENSE
4
Connect resistor RS from this to VIN to define nominal average output current IOUTnom=0.1/RS
(Note: RSMIN=0.27V with ADJ pin open circuit)
VIN
5
Input voltage (7V to 30V). Decouple to ground with 1µF of higher X7R ceramic capacitor close to
device
MN
-
+
VIN
Comparator
R1
R2
R3
GND
-
+
LX
VIN
ISENSE
Current sense circuit
VIN
ADJ
RS
L1
D1
5V
Voltage
regulator
Shutdown
circuit
Vref
50k
1.25V
600KHz
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com