Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1352 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1352 Datasheet HTML 5Page - Diodes Incorporated ZXLD1352 Datasheet HTML 6Page - Diodes Incorporated ZXLD1352 Datasheet HTML 7Page - Diodes Incorporated ZXLD1352 Datasheet HTML 8Page - Diodes Incorporated ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated ZXLD1352 Datasheet HTML 10Page - Diodes Incorporated ZXLD1352 Datasheet HTML 11Page - Diodes Incorporated ZXLD1352 Datasheet HTML 12Page - Diodes Incorporated ZXLD1352 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
9 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (Cont.)
s
D
E
L
f
o
.
o
N
s
v
y
c
n
e
i
c
i
f
f
E
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
2
2
=
L
5
7
0
8
5
8
0
9
5
9
0
0
1
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
t
u
p
n
I
s
v
e
l
c
y
C
y
t
u
D
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
2
2
=
L
0
2
.
0
4
.
0
6
.
0
8
.
0
1
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
t
u
p
n
I
s
v
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
2
2
=
L
0
0
5
0
0
1
0
5
1
0
0
2
0
5
2
0
0
3
0
5
3
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8
e
g
a
t
l
o
V
t
u
p
n
I
s
v
n
o
i
t
a
i
r
a
V
t
n
e
r
r
u
C
t
u
p
t
u
O
s
m
h
O
3
3
.
0
=
s
R
,
H
u
0
2
2
=
L
6
-
5
-
4
-
3
-
2
-
1
-
0
1
2
0
3
5
2
0
2
5
1
0
1
5
)
V
(
N
I
V
D
E
L
1
D
E
L
2
D
E
L
3
D
E
L
4
D
E
L
5
D
E
L
6
D
E
L
7
D
E
L
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com