Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1352 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLD1352
Description  30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1352 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1352 Datasheet HTML 9Page - Diodes Incorporated ZXLD1352 Datasheet HTML 10Page - Diodes Incorporated ZXLD1352 Datasheet HTML 11Page - Diodes Incorporated ZXLD1352 Datasheet HTML 12Page - Diodes Incorporated ZXLD1352 Datasheet HTML 13Page - Diodes Incorporated ZXLD1352 Datasheet HTML 14Page - Diodes Incorporated ZXLD1352 Datasheet HTML 15Page - Diodes Incorporated ZXLD1352 Datasheet HTML 16Page - Diodes Incorporated ZXLD1352 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ZXLD1352
ZXLD1352
Document number: DS33469 Rev. 3 - 2
13 of 21
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Output Current Adjustment by PWM Control
Directly driving ADJ input
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin, as shown below, to adjust the
output current to a value above or below the nominal average value set by resistor RS:
Driving the ADJ input via open collector transistor
The recommended method of driving the ADJ pin and controlling the amplitude of the PWM waveform is to use a small NPN
switching transistor as shown below:
This scheme uses the 50k resistor between the ADJ pin and the internal voltage reference as a pull-up resistor for the external
transistor eg MMBT3904.
Driving the ADJ input from a microcontroller
Another possibility is to drive the device from the open drain output of a microcontroller. The diagram below shows one method
of doing this:
If the NMOS transistor within the microcontroller has high Gate / Drain capacitance, this arrangement can inject a negative spike
into ADJ input of the ZXLD1352 and cause erratic operation but the addition of a Schottky clamp diode (eg Diodes Inc.
SD103CWS) to ground and inclusion of a series resistor (3.3k) will prevent this. See the section on PWM dimming for more
details of the various modes of control using high frequency and low frequency PWM signals.
 
PWM
GND
0V
VADJ
GND
ZXLD1352
ADJ
GND
ZXLD1352
ADJ
MCU
10k
PWM
GND
ZXLD1352
ADJ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com