Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ3324 Datasheet (PDF) - Monolithic Power Systems

MPQ3324 Datasheet PDF - Monolithic Power Systems
Part # MPQ3324
Download  MPQ3324 Download
File Size   1320.29 Kbytes
Page   29 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100

MPQ3324 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ3324 Datasheet PDF - Monolithic Power Systems

Part # MPQ3324
Download  MPQ3324 Click to download

File Size   1320.29 Kbytes
Page   29 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100

MPQ3324 Datasheet (HTML) - Monolithic Power Systems


MPQ3324 Product details

DESCRIPTION
The MPQ3324 is an 8-channel WLED driver that
operates from a wide 4V to 16V input voltage
range. The MPQ3324 applies 8 internal current
sources in each LED string terminal. The LED
current of each channel is set by an external
current-setting resistor. Each channel has a
maximum 100mA current (while VIN ≥ 4.5V).
The device integrates an I2C interface. There are
10 different I2C addresses that can be configured
via an external resistor. This means the
MPQ3324 can support up to 10 ICs that have
been cascaded to drive an LED array. Each
channel can be enabled or disabled through the
I2C.
The MPQ3324 employs both separated PWM
dimming and analog dimming for each LED
channel, with a 12-bit PWM dimming resolution
and 6-bit analog dimming for each channel. To
optimize EMI and EMC performance, The LED
current ramping rate and phase shift can be
configured.
The MPQ3324 can output a refresh signal from
the RFSH/FLT pin. The refresh signal frequency
can be set via the I2C.
Integrated protections include open-load
protection, short-load protection, and overtemperature
protection (OTP). The fault indicator
pulls to low if a protection is triggered. Meanwhile,
the corresponding fault register is set.
The MPQ3324 is AEC-Q100 qualified, and is
available in QFN-24 (4mmx4mm).

FEATURES
 Wide 4V to 16V Input Voltage Range
 8 Channels, 100mA/Ch Maximum (VIN ≥
4.5V)
 LED Current Configured via External
Resistor
 6-Bit Analog Dimming for Each Channel
 12-Bit PWM Dimming for Each Channel
 Selectable 220Hz, 250Hz, 280Hz, or 330Hz
PWM Dimming Frequency
 Refresh Signal Output
 I2C Interface
 10 Addresses Configurable via External
Resistor
 Configurable LED Current Slew Rate
 80μs Phase Shift
 Fault Indicator
 LED Open Protection
 LED Short Protection, Configurable
Threshold
 Under-Voltage Lockout (UVLO)
 Over-Temperature Protection (OTP)
 ELV Directive II Compliant
 Available in a QFN-24 (4mmx4mm)
Package with Wettable Flank
AEC-Q100 Grade 1

APPLICATIONS
 Automotive Lights
 Automotive Displays
 Instruments Clusters
 General Industrial Displays




Similar Part No. - MPQ3324

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ3303 MOTOROLA-MPQ3303 Datasheet
211Kb / 5P
QUAD SWITCHING TRANSISTOR
logo
Monolithic Power System...
MPQ3364 MPS-MPQ3364 Datasheet
1Mb / 27P
4-Channel, Maximum 150mA/Ch Boost WLED Driver with 15000:1 Dimming Ratio and I²C, AEC-Q100
7/7/2021 Rev. 1.1
MPQ3364GR-AEC1 MPS-MPQ3364GR-AEC1 Datasheet
1Mb / 27P
4-Channel, Maximum 150mA/Ch Boost WLED Driver with 15000:1 Dimming Ratio and I²C, AEC-Q100
7/7/2021 Rev. 1.1
MPQ3364GR-AEC1-P MPS-MPQ3364GR-AEC1-P Datasheet
1Mb / 27P
4-Channel, Maximum 150mA/Ch Boost WLED Driver with 15000:1 Dimming Ratio and I²C, AEC-Q100
7/7/2021 Rev. 1.1
MPQ3364GR-AEC1-Z MPS-MPQ3364GR-AEC1-Z Datasheet
1Mb / 27P
4-Channel, Maximum 150mA/Ch Boost WLED Driver with 15000:1 Dimming Ratio and I²C, AEC-Q100
7/7/2021 Rev. 1.1
More results


Similar Description - MPQ3324

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Monolithic Power System...
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Monolithic Power System...
MP3326 MPS-MP3326 Datasheet
1,009Kb / 36P
16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com