Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet (PDF) - Semtech Corporation

SC5010 Datasheet PDF - Semtech Corporation
Part # SC5010
Download  SC5010 Download
File Size   905.99 Kbytes
Page   36 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming

SC5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5010 Datasheet PDF - Semtech Corporation

Part # SC5010
Download  SC5010 Click to download

File Size   905.99 Kbytes
Page   36 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming

SC5010 Datasheet (HTML) - Semtech Corporation


SC5010 Product details

Description

The SC5010 is an 8-channel high-precision, high-efficiency step-up (Boost) LED driver for backlight applications. It features wide input voltage range (4.5V to 27V) , flexible output configuration, wide analog and PWM dimming range, phase shifting and fading. It also features video signal synchronization (VSYNC), I2C interface, and numerous protection features. An optional disconnect p-MOSFET provides true load disconnection and inrush current limiting.



Features

VIN Range — 4.5V to 27V, VOUT Range — Up to 50V

Step-up (Boost) Controller

  Excellent Transient Response

  Programmable Switching Frequency

Linear Current Sinks

  8 Strings, up to 30mA/String

  Current Matching ±1%

  Current Accuracy ±1.5%

PWM Dimming

  String-by-String Phase Shifting

  Input Dimming Frequency 100Hz-30kHz

  User Selectable 9 or 10 Bits Dimming Resolution

  Optional Synchronization to VSYNC/HSYNC Signal

5-bit Analog Dimming

Optional External p-MOSFET Disconnect Switch

  True Load Disconnect and Inrush Current Limiting

I2C Interface

   Fault Status — Open/Short LED, UVLO, OTP

  Device Control — SYNC Freq, PLL Setting

Protection Features

  Open/Shorted LED(s) and adjustable OVP

  Over-Temperature and UVLO Shutdown Protection

4 X 4(mm) 28-pin QFN Package



Applications

Notebook PCs, UMPC, LCD Monitors, and Tablet PCs




Similar Part No. - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results


Similar Description - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
8-Channel Linear LED Driver With PWM Dimming
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com