Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 2 Page - Semtech Corporation

  SC5010 Datasheet HTML 1Page - Semtech Corporation SC5010 Datasheet HTML 2Page - Semtech Corporation SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SC5010
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC5010ULTRT(1)(2)
MLPQ-UT-28 4×4
SC5010EVB
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen-free.
AG N D
103
20
IO 2
21
IO 4
19
22
14
IO 5
18
IO 6
17
IO 7
16
IO 8
15
28
23
24
25
26
27
VC C
1
EN
2
UV LO
3
SC P
4
BG
5
FSET
6
AG N D
7
12
13
10
11
9
8
5010
yyw w
xxxxx
xxxxx
MLPQ-28; 4x4, EP1
θ
JA = 30°C/W
nnnn = Part Number
yyww = Date code
xxxxx = Semtech Lot No.
xxxxx = Semtech Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com