Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 32 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 28Page - Semtech Corporation SC5010 Datasheet HTML 29Page - Semtech Corporation SC5010 Datasheet HTML 30Page - Semtech Corporation SC5010 Datasheet HTML 31Page - Semtech Corporation SC5010 Datasheet HTML 32Page - Semtech Corporation SC5010 Datasheet HTML 33Page - Semtech Corporation SC5010 Datasheet HTML 34Page - Semtech Corporation SC5010 Datasheet HTML 35Page - Semtech Corporation SC5010 Datasheet HTML 36Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
SC5010
32
Definition of Registers and Bits (continued)
Analog Dimming Control Register
This register is used to program the LED string current through the on-chip 5-bit DAC.
Bit Field
Definition
Read / Write Description
0x02 [4:0]
IDAC [4:0]
R / W
5-bit analog dimming register — The LED string current can be evenly adjusted in 32 steps
from 0mA to the maximum value determined by R
ISET
.
For example, if the maximum LED string current set by R
ISET
is 20mA/string, when IDAC[4:0] is
set to be 0b00101, the LED string current will be 20mA x 5/(25-1) = 3.2mA/string.
Dimming Duty Cycle Control Register
These two registers (0x03 and 0x04) combine together as a 10-bit register for controlling the PWM dimming duty
cycle.
Bit Field
Definition
Read / Write Description
0x03 [1:0]
0x04 [7:0]
D [9:0]
R / W
10-bit PWM brightness setting — This value is spread over registers: 0x03 (MSB) and 0x04
(LSB). The LED PWM dimming duty cycle can be evenly adjusted by the 10-bit register from 0
to 100% with D[9:0] value changes from 0 to 0x3F.
Dimming Frequency Select Register
This register is used to program the LED PWM dimming frequency.
Bit Field
Definition
Read / Write Description
0x05 [7:0]
FREQ [7:0]
R / W
This register sets the LED dimming frequency.
FAST_FREQ = 1, then LED dimming frequency is equal to 10MHz / (512 x (FREQ+1))
FAST_FREQ = 0, then LED dimming frequency is equal to 10MHz / (1024 x (FREQ+1))
PLL Control Registers
This register is used to set the PLL divider value.
Bit Field
Definition
Read / Write Description
0x06 [1:0]
0x07 [7:0]
0x08 [7:0]
NPLL [17:0]
R / W
These registers set the PLL divider value — The system clock is intended to run at 10MHz; this
value divides the system clock down to a frequency comparable to the SYNC signal’s frequen-
cy to allow PLL synchronization. Typical values are shown below.
F
IN
PLL Divider N
Register Values
FPLL = (N+2) × F
IN
60 Hz
169,982
0x02 - 0x97 - 0xFE
10MHz
1 MHz
8
0x00 - 0x00 - 0x08
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com