Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 18Page - Semtech Corporation SC5010 Datasheet HTML 19Page - Semtech Corporation SC5010 Datasheet HTML 20Page - Semtech Corporation SC5010 Datasheet HTML 21Page - Semtech Corporation SC5010 Datasheet HTML 22Page - Semtech Corporation SC5010 Datasheet HTML 23Page - Semtech Corporation SC5010 Datasheet HTML 24Page - Semtech Corporation SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
SC5010
22
Applications Information (continued)
C5
Vin
(5-27V)
U1
S C 5010
VCC
1
EN
2
UVLO
3
SCP
4
BG
5
FSET
6
AGND
7
8
9 10 11 12 13 14
IO8
15
IO7 16
IO6 17
IO5
18
IO4 19
IO3 20
IO2 21
22
23
24
THP
25
26
27
28
D1
R4
C4
R3
C6
Q1
Q2
C2
SDA
R8
R15
C7
C1
SCL
C3
L1
R9
R1
PWMI
R10
Vcc (5V)
R6
R2
AGND
R11
SYNC
Vout
PAD
FLT
2.2μF
PGND
1μF
0.1
R7
R5
C8
L2
Figure 3 — SEPIC Configuration
High Output Voltage Configuration
If high output voltage application is required, an addi-
tional external cascode MOSFET can be added on each IO
pin to meet such requirement, please refer to figure 4 for
reference.
In this case, the upper limit on the output voltage is mainly
determined by the rating of the external MOSFET, heat
dissipation, etc.
PCB Layout Considerations
The placements of the power components outside the
SC5010 should follow the layout guidelines of a general
boost converter. The Detailed Application Circuit is used
as an example.
Capacitor (C2) should be placed as close as possible to
the VCC and AGND to achieve the best performance.
Capacitor (C1) is the input power filtering capacitor
for the boost, it needs to be tied to PGND.
The converter power train inductor (L1) is the boost
converter input inductor. Use wide and short traces
connecting these components.
The output rectifying diode (D1)
uses a Schottky
diode for fast reverse recovery. Transistor (Q1) is the
external switch. Resistor (R9) is the switch current
sensing resistor. To minimize switching noise for the
boost converter, the output capacitor (C6) should be
placed such that the loop formed by Q1, D1, C6 and
R9, is minimized. The output of the boost converter is
used to power up the LEDs. Use wide and short trace
connecting Pin DRVN and the gate of Q1. The GNDs
1.
2.
3.
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com