Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 3 Page - Semtech Corporation

  SC5010 Datasheet HTML 1Page - Semtech Corporation SC5010 Datasheet HTML 2Page - Semtech Corporation SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
SC5010
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
Tested according to JEDEC standard JESD22-A114-B.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in.), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VCC Pin (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
VIN, DRVP, IO1 to IO8(V) . . . . . . . . . . . . . . . . . . . . -0.3 to +30
DRVN, OVP, CS, EN, UVLO, SCP, BG, FLT (V) . . . -0.3 to +6.0
FSET, CPLL, SYNC, SCL, SDA, ISET, PWMI (V). . -0.3 to +6.0
PGND TO AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5
Recommended Operating Conditions
Ambient Temperature Range (°C). . . . . . . . -40 < T
A
< +85
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 27
IO1 to IO8 Current per String (mA) . . . . . . . . . . . up to 30
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . . 30
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C). . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . +260
Unless noted otherwise, T
A
= 25°C for typical, -40°C < T
A
= T
J
< 85°C for min and max. V
CC
= 5V, R
ISET
= 64.9 kΩ, R
FSET
= 100 kΩ , V
IN
= 12V.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
V
CC
Supply Voltage
V
CC
4.5
5.5
V
V
CC
Under-Voltage Lockout Threshold
V
CC-UVLO(TH)
V
CC
Voltage Rising
4.0
4.2
4.4
V
V
CC
Under-Voltage Lockout Hysteresis
V
CC-UVLO(HYS)
V
CC
Voltage Falling
180
mV
V
CC
Quiescent Supply Current
I
CC(Q)
EN = 5V, Switching, No Load
2
mA
V
CC
Supply Current in Shutdown
I
CC(SD)
EN = 0V
1
μA
V
IN
Supply Current in Shutdown
I
VIN(SD)
EN = 0V, VIN = 27V
1
μA
V
UVLO
Under-Voltage Lockout Threshold
V
UVLO(TH)
UVLO Pin Voltage Rising
1.18
1.23
1.28
V
I
UVLO
Under-Voltage Lockout Hysteresis
I
UVLO(HYS)
UVLO Pin Voltage Falling
7
10
13
μA
V
BG
Bandgap Voltage
V
BG
1.20
1.23
1.26
V
External FET Gate Drive
DRVN High Level
V
DRVN(H)
100mA from DRVN to GND
V
CC
-0.5 V
CC
-0.2
V
DRVN Low Level
V
DRVN(L)
-100mA from DRVN to V
CC
0.2
0.5
V
DRVN On-Resistance
R
DRVN
DRVN high or Low
2
5
DRVN Sink / Source Current
I
DRVN
DRVN forced to 2.5V
1
A
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com