Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation SC5010 Datasheet HTML 12Page - Semtech Corporation SC5010 Datasheet HTML 13Page - Semtech Corporation SC5010 Datasheet HTML 14Page - Semtech Corporation SC5010 Datasheet HTML 15Page - Semtech Corporation SC5010 Datasheet HTML 16Page - Semtech Corporation SC5010 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
SC5010
13
Pin Descriptions (continued)
Pin #
Pin Name
Pin Function
20
IO3
Regulated current sink LED channel 3 — connect this pin to the cathode of the bottom LED in string 3.
Connect pin to ground to disable this LED string.
21
IO2
Regulated current sink LED channel 2 — connect this pin to the cathode of the bottom LED in string 2.
Connect pin to ground to disable this LED string.
22
IO1
Regulated current sink LED channel 1 — connect this pin to the cathode of the bottom LED in string 1.
Connect pin to ground to disable this LED string.
23
OVP
Over-voltage feedback pin — over-voltage activated when pin exceeds 1.2V. Use a resistor divider tied to the
output and GND to set the OVP level.
24
CS
Step-up (boost) switch current sense pin — Connect a resistor from this pin to ground for current sense - utilized
in peak current mode control loop and over-current sense circuitry.
25
PGND
Power ground — tie this pin to the power ground plane close to input and output decoupling capacitors.
26
DRVN
Gate drive for the external step-up (boost) n-channel MOSFET.
27
DRVP
Gate drive for the external p-channel MOSFET disconnect switch.
28
VIN
Connect to the input power supply — accepts 4.5V - 27V input. Usually add 4.7μF or larger ceramic bypass capaci-
tor from this pin to ground.
PAD
-
Thermal pad for heat-sinking purposes — it is also AGND and should be connected to ground plane for proper
circuit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com