Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 19Page - Semtech Corporation SC5010 Datasheet HTML 20Page - Semtech Corporation SC5010 Datasheet HTML 21Page - Semtech Corporation SC5010 Datasheet HTML 22Page - Semtech Corporation SC5010 Datasheet HTML 23Page - Semtech Corporation SC5010 Datasheet HTML 24Page - Semtech Corporation SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SC5010
23
Applications Information (continued)
C5
Vin
(5-27V)
U1
S C 5010
VCC
1
EN
2
UVLO
3
SCP
4
BG
5
FSET
6
AGND
7
8
9 10 11 12 13 14
IO8
15
IO7 16
IO6 17
IO5
18
IO4 19
IO3 20
IO2 21
22
23
24
THP
25
26
27
28
D1
R4
C4
R3
C6
Q1
Q2
C2
SDA
R8
R15
C7
10nF
C1
SCL
C3
L1
R9
R1
PWMI
R10
Vcc (5V)
R6
R2
AGND
R11
SYNC
Vout
PAD
FLT
2.2μF
10K
PGND
4.7μF
1μF
30K
0.1
R7
20K
10K
R5
100k
Vcc (5V)
Figure 4 — Cascode Configuration (for high output voltage application)
for R9 and C6 should be PGND. These components
should be close to the SC5010.
Resistor (R8) is the output current adjusting resistor
for IO1 through IO8 and should return to AGND. Place
it next to the IC.
Resistor (R6) is the switching frequency adjusting
resistor and should return to AGND. Place it next to
the IC.
The decoupling capacitor (C3) for Pin BG should return
to AGND. Place it next to the IC.
Resistors (R4, R5) form a divider to set the SCP level, R4
should return to AGND. Place it next to the IC.
Resistors (R2, R1) form a divider to set the UVLO level
for V
IN
. R1 should return to AGND. Place it next to the
IC.
R11 and R10 form a divider to set the OVP level for
5.
6.
7.
8.
9.
10.
VOUT, R10 should return to AGND. Place it next to the
IC.
All the traces for components with AGND connection
should avoid being routed close to the noisy areas.
An exposed pad is located at the bottom of the SC5010
for heat dissipation. A copper area underneath the
pad is used for better heat dissipation. On the bottom
layer of the PCB another copper area, connected
through vias to the top layer, is used for better
thermal performance. The pad at the bottom of the
SC5010 should be connected to AGND. AGND should
be connected to PGND at single point for better noise
immunity.
11.
12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com