Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5010 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 1 Page - Semtech Corporation

  SC5010 Datasheet HTML 1Page - Semtech Corporation SC5010 Datasheet HTML 2Page - Semtech Corporation SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 2011 Semtech Corporation
POWER MANAGEMENT
1
SC5010
High Efficiency 8-Channel LED Driver with
I2C Interface and Phase-Shifted PWM Dimming
Features
VIN Range — 4.5V to 27V, VOUT Range — Up to 50V
Step-up (Boost) Controller
Excellent Transient Response
Programmable Switching Frequency
Linear Current Sinks
8 Strings, up to 30mA/String
Current Matching ±1%
Current Accuracy ±1.5%
PWM Dimming
String-by-String Phase Shifting
Input Dimming Frequency 100Hz-30kHz
User Selectable 9 or 10 Bits Dimming Resolution
Optional Synchronization to VSYNC/HSYNC Signal
5-bit Analog Dimming
Optional External p-MOSFET Disconnect Switch
True Load Disconnect and Inrush Current Limiting
I2C Interface
Fault Status — Open/Short LED, UVLO, OTP
Device Control — SYNC Freq, PLL Setting
Protection Features
Open/Shorted LED(s) and adjustable OVP
Over-Temperature and UVLO Shutdown Protection
4 X 4(mm) 28-pin QFN Package
Applications
Notebook PCs, UMPC, LCD Monitors, and Tablet PCs
Description
The SC5010 is an 8-channel high-precision, high-efficiency
step-up (Boost) LED driver for backlight applications. It fea-
tures wide input voltage range (4.5V to 27V) , flexible output
configuration, wide analog and PWM dimming range,
phase shifting and fading. It also features video signal syn-
chronization (VSYNC), I2C interface, and numerous protec-
tion features. An optional disconnect p-MOSFET provides
true load disconnection and inrush current limiting.
The boost controller, with programmable switching fre-
quency from 200kHz to 2.2MHz, maximizes efficiency by
dynamically minimizing the output voltage while maintain-
ing LED string current accuracy. It provides excellent line
and load response with no external compensation compo-
nents. Each linear current sink is matched within ±1% for
superb lighting uniformity, and the accuracy of each string
current is ±1.5%. An external resistor adjusts the current
from 10-30mA per string. It also features PWM dimming
resolution of 9 or 10 bits (user selectable) over dimming
frequency from 100Hz to 20kHz, synchronized to the SYNC
signal or the boost oscillator. String-by-string phase shifting
reduces the demand on the input/output capacitance,
decreases EMI, and improves dimming linearity.
SC5010 is available in a low-profile, thermally enhanced,
4 X 4 X 0.6(mm) QFN 28-pin package.
UV LO
AG N D
ISET
FSET
CP LL
SC P
DRV P
VIN
S C 5010
R3
R6
FLT
C3
BG
FLT
VC C
PG N D
R11
R7
C4
R10
R1
R2
C1
Q2
C2
OV P
IO 8
IO 1
R9
R8
V IN=4.5 to 27V
Up to
30m A /C H
IO 2
IO 3
IO 4
IO 5
IO 6
C5
IO 7
R5
PW M I
PW M I
SYN C
SYN C
SD A
SC L
For I2C
EN
EN
L1
Q1
R4
DRV N
CS
D1 V OUT up to 50V
V CC = 4.5 to 5.5V
(O ptional)
2.2μH
4.7μF
Typical Application Circuit
Revision 1.0


Similar Part No. - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results

Similar Description - SC5010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Texas Instruments
TPS92638-Q1 TI1-TPS92638-Q1_16 Datasheet
4Mb / 39P
8-Channel Linear LED Driver With PWM Dimming
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Renesas Technology Corp
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com