Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5012 Datasheet (PDF) - Semtech Corporation

SC5012 Datasheet PDF - Semtech Corporation
Part # SC5012
Download  SC5012 Download
File Size   175.09 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming

SC5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5012 Datasheet PDF - Semtech Corporation

Part # SC5012
Download  SC5012 Click to download

File Size   175.09 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming

SC5012 Datasheet (HTML) - Semtech Corporation


SC5012 Product details

Description

The SC5012/Q is a 4-channel high-precision, high-efficiency step-up (Boost) HB LED driver designed for back light applications. It features wide input voltage range (4.75V to 45V) , flexible output configuration, wide analog and PWM dimming range, phase shifting, optional fading,

external  boost  controller  frequency  synchronization (FSYNC), I2C interface, and numerous protection features.



Features

Input Voltage — 4.75V to 45V

Output Voltage — Up to 65V

Step-up (Boost) Controller

   Ultra-Fast Transient Response

   Programmable Switching Frequency

   External Sync Frequency for Boost Controller

Linear Current Sinks

   4 Strings, up to 150mA/String

   Current Matching ±1%

   Current Accuracy ±2%

PWM Dimming

   String-by-String Phase Shifting

   Dimming Frequency 100Hz-30kHz

   User Selectable 9 or 10 Bits Dimming Resolution

   Optional Synchronization to VSYNC/HSYNC Signal

External Frequency Synchronization, FSYNC

8-bit Analog Dimming

I2C Interface

Fault Status — Open/Short LED, OTP

Device Control: SYNC Freq, PLL Setting

Protection Features

Open/Shorted LED(s) and adjustable OVP

Over-Temperature

4mm X 4mm 24 Ld QFN Package

AEC-Q100 Qualified Version Available



Applications

Medium-sized LCD Panel

Automotive Car Navigation/Information Display

LCD Monitors

Automotive AEC-Q100 Qualified Application



 




Similar Part No. - SC5012

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
More results


Similar Description - SC5012

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Monolithic Power System...
MP3336 MPS-MP3336 Datasheet
748Kb / 27P
Dual-Channel, Flash LED Driver with 2A/Ch and I2C Interface
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Maxim Integrated Produc...
MAX20056BEVKIT MAXIM-MAX20056BEVKIT Datasheet
1Mb / 10P
Demonstrates Both Phase-Shifted and Direct PWM Dimming
Rev 0; 2/19
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
MP3326 MPS-MP3326 Datasheet
1,009Kb / 36P
16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
Rev. 1.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com