Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet (PDF) - Monolithic Power Systems

MP3326 Datasheet PDF - Monolithic Power Systems
Part # MP3326
Download  MP3326 Download
File Size   1009.07 Kbytes
Page   36 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface

MP3326 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3326 Datasheet PDF - Monolithic Power Systems

Part # MP3326
Download  MP3326 Click to download

File Size   1009.07 Kbytes
Page   36 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface

MP3326 Datasheet (HTML) - Monolithic Power Systems


MP3326 Product details

DESCRIPTION
The MP3326 is a 16-channel WLED driver that
can operate from a wide 4V to 16V input voltage
range. The MP3326 applies 16 internal current
sources in each LED string terminal. The LED
current of each channel is set by an external
current-setting resistor. The maximum current of
each channel is up to 50mA (VIN ≥ 4.5V).
The device integrates an I2C interface with up to
10 configurable I2C addresses via an external
resistor. This means the MP3326 can support up
to 10 cascaded ICs to drive the LED array. Each
channel can be enabled or disabled through the
I2C.
The MP3326 employs both separated PWM
dimming and analog dimming for each LED
channel, as well as 12-bit resolution PWM
dimming and 6-bit analog dimming for each
channel. To optimize EMI/EMC performance,
the LED current ramp rate and phase shift can
be configured.
The device can output a refresh signal from the
RFSH/FLT pin, and the refresh signal frequency
can be set by the register.
Open-load protection, short protection, and overtemperature
protection (OTP) are integrated into
the device. The fault indicator pulls low if a
protection is triggered, and then the
corresponding fault register is set.
The MP3326 is available in a QFN-24
(4mmx4mm) package.

FEATURES
 Wide 4V to 16V Input Voltage Range
 16 Channels, 50mA/Ch Maximum (VIN ≥
4.5V)
 LED Current Configured by External
Resistor
 6-Bit Analog Dimming for Each Channel
 12-Bit PWM Dimming for Each Channel
 Selectable 220Hz, 250Hz, 280Hz, or 330Hz
PWM Dimming Frequency
 Refresh Signal Output
 I2C Interface
 10 Addresses Configurable via External
Resistor
 Configurable LED Current Slew Rate
 40μs Phase Shift
 Fault Indicator
 LED Open-Load Protection
 LED Short Protection with Configurable
Threshold
 Under-Voltage Lockout (UVLO)
 Over-Temperature Protection (OTP)
 ELV Directive II Compliance
 Available in a QFN-24 (4mmx4mm)
Package

APPLICATIONS
RGB Drivers
LED Indicators
Instrument Clusters
General Displays
LED Backlighting




Similar Part No. - MP3326

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP330 ETC2-MP330 Datasheet
107Kb / 1P
Power Film Resistors
logo
Monolithic Power System...
MP3301 MPS-MP3301 Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3301GJ MPS-MP3301GJ Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
More results


Similar Description - MP3326

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5010 SEMTECH-SC5010 Datasheet
905Kb / 36P
High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5010H SEMTECH-SC5010H Datasheet
2Mb / 36P
High Efficiency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014 SEMTECH-SC5014 Datasheet
1Mb / 34P
High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5014A SEMTECH-SC5014A Datasheet
1Mb / 27P
High Efficiency 2-Channel HB LED Driver with I2C Interface and Direct PWM Dimming
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
Series Boost LED Driver with PWM Dimming Interface
logo
Semtech Corporation
SC5012 SEMTECH-SC5012 Datasheet
175Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
SC5012Q SEMTECH-SC5012Q Datasheet
245Kb / 1P
High Efficiency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Semtech Corporation
SC5012BQ SEMTECH-SC5012BQ Datasheet
84Kb / 1P
High Effi ciency 4-Ch, 150mA/Ch LED Driver with I2C Interface and Phase-Shifted PWM Dimming
logo
Monolithic Power System...
MPQ3324 MPS-MPQ3324 Datasheet
1Mb / 29P
8-Channel, 100mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface, AEC-Q100
Rev. 1.0 2/18/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com