Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 6Page - Monolithic Power Systems MP3326 Datasheet HTML 7Page - Monolithic Power Systems MP3326 Datasheet HTML 8Page - Monolithic Power Systems MP3326 Datasheet HTML 9Page - Monolithic Power Systems MP3326 Datasheet HTML 10Page - Monolithic Power Systems MP3326 Datasheet HTML 11Page - Monolithic Power Systems MP3326 Datasheet HTML 12Page - Monolithic Power Systems MP3326 Datasheet HTML 13Page - Monolithic Power Systems MP3326 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
10
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 4.5V, LED = 16P/1S, ISET = 25mA/string, TJ = 25°C, unless otherwise noted.
Slew Rate
PWM dimming, slew rate =
5μs
Phase Shift
PWM dimming, duty = 20%
CH1: VIN
1V/div.
CH4: ILED
100mA/div.
CH1: VIN
5V/div.
CH2: ILED1
50mA/div.
CH3: ILED2
50mA/div.
CH4: ILED
(total)
200mA/div.
10
μs/div.
200
μs/div.
Refresh Function
fPWM = 250Hz, RFRSH = 1FF
LED Short Protection
RFSH/FLT fault enabled
CH1: VIN
2V/div.
CH2:
RFSH/FLT
2V/div.
CH4: ILED
200mA/div.
CH2:
RFSH/FLT
5V/div.
CH1: VIN
2V/div.
CH3: VLED1
2V/div.
CH4: ILED
200mA/div.
2ms/div.
2ms/div.
LED Open-Load Protection
RFSH/FLT fault enabled
CH2:
RFSH/FLT
5V/div.
CH1: VIN
2V/div.
CH3: VLED1
1V/div.
CH4: ILED
200mA/div.
2ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com