Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 17Page - Monolithic Power Systems MP3326 Datasheet HTML 18Page - Monolithic Power Systems MP3326 Datasheet HTML 19Page - Monolithic Power Systems MP3326 Datasheet HTML 20Page - Monolithic Power Systems MP3326 Datasheet HTML 21Page - Monolithic Power Systems MP3326 Datasheet HTML 22Page - Monolithic Power Systems MP3326 Datasheet HTML 23Page - Monolithic Power Systems MP3326 Datasheet HTML 24Page - Monolithic Power Systems MP3326 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
21
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Channel Open Fault Register (Channels 9
–16)
Addr: 0x06
Bit
Bit Name
Access
Default
Description
7
CH16O
R
0
Channel 16 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
6
CH15O
R
0
Channel 15 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
5
CH14O
R
0
Channel 14 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
4
CH13O
R
0
Channel 13 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
3
CH12O
R
0
Channel 12 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
2
CH11O
R
0
Channel 11 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
1
CH10O
R
0
Channel 10 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
0
CH9O
R
0
Channel 9 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
Channel Open Fault Register (Channels 1
–8)
Addr: 0x07
Bit
Bit Name
Access
Default
Description
7
CH8O
R
0
Channel 8 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
6
CH7O
R
0
Channel 7 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
5
CH6O
R
0
Channel 6 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred
4
CH5O
R
0
Channel 5 open-load protection fault flag.
0: No open-load fault has occurred
1: An open-load fault has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com