Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 11Page - Monolithic Power Systems MP3326 Datasheet HTML 12Page - Monolithic Power Systems MP3326 Datasheet HTML 13Page - Monolithic Power Systems MP3326 Datasheet HTML 14Page - Monolithic Power Systems MP3326 Datasheet HTML 15Page - Monolithic Power Systems MP3326 Datasheet HTML 16Page - Monolithic Power Systems MP3326 Datasheet HTML 17Page - Monolithic Power Systems MP3326 Datasheet HTML 18Page - Monolithic Power Systems MP3326 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
15
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REGISTER MAP
Add
Default
D7
D6
D5
D4
D3
D2
D1
D0
00H
01
RESERVED
FPWM 1:0
01H
00
FLTEN
LATCH
STH1:0
SLEW1:0
PS_EN
EN
02H
01
RESERVED
FT_OTP
FRFSH1:0
03H
6A
FRFSH 9:2
04H
FF
CH16EN
CH15EN
CH14EN
CH13EN
CH12EN
CH11EN
CH10EN
CH9EN
05H
FF
CH8EN
CH7EN
CH6EN
CH5EN
CH4EN
CH3EN
CH2EN
CH1EN
06H
00
CH16O
CH15O
CH14O
CH13O
CH12O
CH11O
CH10O
CH9O
07H
00
CH8O
CH7O
CH6O
CH5O
CH4O
CH3O
CH2O
CH1O
08H
00
CH16S
CH15S
CH14S
CH13S
CH12S
CH11S
CH10S
CH9S
09H
00
CH8S
CH7S
CH6S
CH5S
CH4S
CH3S
CH2S
CH1S
0AH
3F
RESERVED
ICH1 5:0
0BH
0F
RESERVED
PWM1 3:0
0CH
FF
PWM1 11:4
0DH
3F
RESERVED
ICH2 5:0
0EH
0F
RESERVED
PWM2 3:0
0FH
FF
PWM2 11:4
10H
3F
RESERVED
ICH3 5:0
11H
0F
RESERVED
PWM3 3:0
12H
FF
PWM3 11:4
13H
3F
RESERVED
ICH4 5:0
14H
0F
RESERVED
PWM4 3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com