Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 8Page - Monolithic Power Systems MP3326 Datasheet HTML 9Page - Monolithic Power Systems MP3326 Datasheet HTML 10Page - Monolithic Power Systems MP3326 Datasheet HTML 11Page - Monolithic Power Systems MP3326 Datasheet HTML 12Page - Monolithic Power Systems MP3326 Datasheet HTML 13Page - Monolithic Power Systems MP3326 Datasheet HTML 14Page - Monolithic Power Systems MP3326 Datasheet HTML 15Page - Monolithic Power Systems MP3326 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
12
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP3326 applies 16 internal current sources
in each LED string terminal. The LED current of
each channels is set by an external current-
setting resistor. The maximum current is 50mA.
Enable (EN) and Start-Up
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold and the EN pin
exceeds its rising threshold, the MP3326 enters
standby mode, and the I2C is active. After setting
the I2C register, set the EN bit high to start up the
system. The start-up sequence is as follows:
1. VIN
2. EN
3. I2C setting
4. Set EN bit
Channel Selection
The channel can be disabled by setting the
corresponding CHxEN bit (e.g. x = 1, 2, ..., 16)
low, or by connecting the channel to GND.
Dimming
Each channel has its own 6-bit analog dimming
register and 12-bit PWM dimming register. The
MP3326 supports analog dimming and PWM
dimming for each channel.
In analog dimming, the LED current amplitude
changes when the analog dimming register
changes. Change the code in the ICHx register
(e.g. x = 1, 2, ..., 16) to choose analog dimming
for the corresponding channel. The LED current
(ILED) amplitude can be estimated with Equation
(1):
LED
ICHx
I
=
ISET
63
(1)
Where ICHx is the analog dimming code for the
corresponding channel.
For example, if ICHx = 0, ILED is 0A.
In PWM dimming, LED current is a PWM
waveform. The LED current amplitude stays the
same, and the LED current duty varies with the
PWM dimming register.
The PWM dimming duty is set by the PWMx
register (e.g x = 1, 2, ..., 16). The duty can be
calculated with Equation (2):
PWMx
D=
4095
(2)
Where PWMx is the PWM dimming duty code for
each corresponding channel. The duty changes
only when the 8MSB of PWM duty register are
written. When PWMx = 0, the corresponding
LED channel current is 0A.
The PWM dimming frequency can be selected
via register FPWM1:0. The potential frequencies
are listed below:
 FPWM 1:0 = 00, 220Hz
 FPWM 1:0 = 01, 250Hz (default)
 FPWM 1:0 = 10, 280Hz
 FPWM 1:0 = 11, 330Hz
To avoid a glitch during operation, the following
conditions must be met:
 Change the FPWM1:0 value only when the
EN bit is set 0.
 Write the FPWM register and wait for a 10µs
delay before writing other registers.
Phase Shift
A channel-by-channel phase shift function can
be implemented. This function is enabled by
setting the PS_EN bit high.
When the phase shift function is enabled, the
channel x + 1 (e.g. x = 1, 2, ..., 15) LED current
rising edge is delayed for 40µs after channel
x’s
LED current rising edge.
SYNC Output for LCD Refresh Frequency
The fault indicator function can be enabled by
the FLTEN bit. If FLTEN = 0, the fault indicator
function is disabled. RFSH/FLT keeps the output
refresh signal even if a protection is triggered.
If FLTEN = 1, the fault indicator function is
enabled. The SYNC/FLT pin is pulled low if a
protection occurs. Table 1 shows the details of
RFSH/FLT pin output status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com