Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 14Page - Monolithic Power Systems MP3326 Datasheet HTML 15Page - Monolithic Power Systems MP3326 Datasheet HTML 16Page - Monolithic Power Systems MP3326 Datasheet HTML 17Page - Monolithic Power Systems MP3326 Datasheet HTML 18Page - Monolithic Power Systems MP3326 Datasheet HTML 19Page - Monolithic Power Systems MP3326 Datasheet HTML 20Page - Monolithic Power Systems MP3326 Datasheet HTML 21Page - Monolithic Power Systems MP3326 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
18
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PWM Dimming Frequency Setting Register
Addr: 0x00
Bits
Bit Name
Access
Default
Description
7:2
RESERVED
R
000000
Reserved.
1:0
FPWM
R/W
01
PWM dimming frequency (fPWM) setting bit.
00: 220Hz
01: 250Hz
10: 280Hz
11: 330Hz
The following conditions must be met to avoid glitches:
Change the FPWM setting only when the EN bit is set 0.
Write the FPWM register, then wait for 10µs before writing
other registers.
Control Register
Addr: 0x01
Bits
Bit Name
Access
Default
Description
7
FLTEN
R/W
0
RFSH/FLT pin fault indicator enable bit.
0: Disabled. The RFSH/FLT pin refreshes the signal output
1: Enabled
6
LATCH
R/W
1
Latch-off fault response enable bit.
0: Disabled. The device enters hiccup mode if a fault condition is
detected
1: Enabled
5:4
S_TH[1:0]
R/W
00
LED short protection threshold setting register.
00: 2V
01: 3V
10: 4V
11: 5V
3:2
SLEW[1:0]
R/W
00
LED current slew rate setting register.
00: No slew rate
01: 5µs
10: 10µs
11: 20µs
1
PS_EN
R/W
0
Phase shift enable bit.
0: Disable the phase shift function
1: Enable the phase shift function. The rising edge of channel x +
1 occurs 40µs after channel x (e.g. x = 1, 2, ..., 15)
0
EN
R/W
0
Enable bit.
0: Disable the IC
1: Enable the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com