Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 10Page - Monolithic Power Systems MP3326 Datasheet HTML 11Page - Monolithic Power Systems MP3326 Datasheet HTML 12Page - Monolithic Power Systems MP3326 Datasheet HTML 13Page - Monolithic Power Systems MP3326 Datasheet HTML 14Page - Monolithic Power Systems MP3326 Datasheet HTML 15Page - Monolithic Power Systems MP3326 Datasheet HTML 16Page - Monolithic Power Systems MP3326 Datasheet HTML 17Page - Monolithic Power Systems MP3326 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
14
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
For LED open-load and short protection, hiccup
mode or latch-off mode can be selected by the
LATCH bit through the I2C.
If LATCH = 1, the MP3326 is in latch-off mode.
This means that if a fault is triggered, the fault
channel stays off until VIN or EN is turned off and
reset.
If LATCH = 0, the MP3326 is in hiccup mode. In
this mode, the fault channel tries to conduct for
32µs to detect if the fault is cleared in every 1ms.
/FLT is released if fault condition is removed.
VIN Under-Voltage Lockout (UVLO)
If the input voltage drops to the VIN under-
voltage lockout (UVLO) threshold, the IC stops
working and all I2C registers are reset.
LED Open-Load Protection
When an LED open fault occurs, the LEDx (e.g.
x = 1, 2, ..., 16) voltage drops. If the LEDx voltage
drops below the protection threshold (about
100mV) for 4ms, LED open-load protection is
triggered. Once this occurs, the fault channel
turns off, the corresponding open fault bit CHxO
(x = 1, 2, ..., 16) is set, and the /FLT pin is pulled
low. The fault bit is reset when it is read, and the
/FLT pin is pulled high.
LED Short Protection
If an LED short condition occurs, the VIN -
VLEDx voltage drops. If the VLEDx (e.g. x = 1,
2, ..., 16) voltage exceeds the voltage set by STH
for 4ms, LED short protection is triggered. Once
this occurs, the short channel turns off, the
corresponding CHxS fault bit is set, and /FLT
pulls low.
The LED short protection threshold is configured
by STH 1:0, and can be set to the following
values:
 STH1:0 = 00, 2V
 STH1:0 = 01, 3V
 STH1:0 = 10, 4V
 STH1:0 = 11, 5V
The fault bit is reset when it is read, and the /FLT
pin is pulled high.
Over-Temperature Protection (OTP)
When the IC temperature exceeds 170°C, over-
temperature protection (OTP) is triggered. All
channels turn off, the /FLT pin is pulled low, and
the FT_OTP bit is set. If the temperature drops
by 20°C, the IC recovers, all channels turn on,
and the part resumes normal operation.
I2C INTERFACE REGISTER DESCRIPTION
I2C Chip Address
The device address is 0x30~0x39, and is
configured by the ADDR resistor. The internal
current source flows to the ADDR resistor, then
the voltage of ADDR determines the I2C address.
10 different addresses can be configured
through the ADDR resistor. Table 2 shows how
the I2C address resistor relates to the ISET
resistor.
Table 2: I2C Address Setting
RADDR / RISET
I2C Address
(A3, A2, A1, A0)
<0.05
0000
>0.05, <0.15
0001
>0.15, <0.25
0010
>0.25, <0.35
0011
>0.35, <0.45
0100
>0.45, <0.55
0101
>0.55, <0.65
0110
>0.65, <0.75
0111
>0.75, <0.85
1000
>0.85, <0.95
1001
At start-up, the IC checks the I2C address first;
this address remains the same during operation
unless the IC power is reset.
After the start condition, the I2C-compatible
master sends a 7-bit address followed by an 8th
read (1) or write (0) bit. The 8th bit indicates the
register address to/from which the data will be
written/read.
0
A0
1
1
A3
A1
R/W
A2
Figure 6: The I2C-Compatible Device Address
To avoid a glitch during operation, ensure that
the following conditions are met:
 Change the FPWM1:0 value only when the
EN bit is set 0.
 Write the FPWM register and wait for a 10µs
delay before writing other registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com