Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3326 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3326
Description  16 Channels, 50mA/Ch, LED Driver with Separated PWM Analog Dimming and I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3326 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3326 Datasheet HTML 15Page - Monolithic Power Systems MP3326 Datasheet HTML 16Page - Monolithic Power Systems MP3326 Datasheet HTML 17Page - Monolithic Power Systems MP3326 Datasheet HTML 18Page - Monolithic Power Systems MP3326 Datasheet HTML 19Page - Monolithic Power Systems MP3326 Datasheet HTML 20Page - Monolithic Power Systems MP3326 Datasheet HTML 21Page - Monolithic Power Systems MP3326 Datasheet HTML 22Page - Monolithic Power Systems MP3326 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
MP3326
– 16-CHANNEL LED DRIVER WITH I2C AND SEPARATED PDIM/ADIM
MP3326 Rev. 1.0
www.MonolithicPower.com
19
1/4/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Refresh Frequency Setting and OTP Fault Register
Addr: 0x02
Bits
Bit Name
Access
Default
Description
7:3
RESERVED
R
0
Reserved.
2
FT_OTP
R
0
Over-temperature (OT) fault indication bit.
0: An OT fault has not occurred
1: An OT fault has occurred
1:0
FRFSH[1:0]
R/W
01
Refresh frequency setting register, 2LSB. If FPWM[1:0] = 01, the
PWM dimming frequency is 250Hz. If RFSH[9:0] = 0x000, the
RFSH/FLT pin outputs high If FRFSH[9:0] = 0x001 to 0x3FF,
fREFRESH can be calculated with the following equation:
PWM
REFRESH
127500
f
f
=
(Hz)
FRFSH 250
All numbers in the above equation are decimal-based. The
refresh frequency does not change until the 8MSB are written.
The default fREFRESH value is 300Hz.
Refresh Frequency Setting Register
Addr: 0x03
Bits
Bit Name
Access
Default
Description
7:0
FRFSH[9:2]
R/W
6A
Refresh frequency setting register, 2LSB. If FPWM[1:0] = 01, the
PWM dimming frequency is 250Hz. If RFSH[9:0] = 0x000, the
RFSH/FLT pin outputs high If FRFSH[9:0] = 0x001 to 0x3FF,
fREFRESH can be calculated with the following equation:
PWM
REFRESH
127500
f
f
=
(Hz)
FRFSH 250
All numbers in the above equation are decimal-based. The refresh
frequency does not change until the 8MSB are written. The default
fREFRESH is 300Hz.
Channel Enable Register (Channels 9
–16)
Addr: 0x04
Bit
Bit Name
Access
Default
Description
7
CH16EN
R/W
1
Channel 16 enable bit.
0: Disabled
1: Enabled
6
CH15EN
R/W
1
Channel 15 enable bit.
0: Disabled
1: Enabled
5
CH14EN
R/W
1
Channel 14 enable bit.
0: Disabled
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com